Electronic Components Datasheet Search
  English  ▼

X  

STA335ML Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA335ML
Description  2-channel microless high-efficiency digital audio system Sound Terminal®
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335ML Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA335ML Datasheet HTML 4Page - STMicroelectronics STA335ML Datasheet HTML 5Page - STMicroelectronics STA335ML Datasheet HTML 6Page - STMicroelectronics STA335ML Datasheet HTML 7Page - STMicroelectronics STA335ML Datasheet HTML 8Page - STMicroelectronics STA335ML Datasheet HTML 9Page - STMicroelectronics STA335ML Datasheet HTML 10Page - STMicroelectronics STA335ML Datasheet HTML 11Page - STMicroelectronics STA335ML Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical specifications
STA335ML
8/20
Doc ID 17638 Rev 4
Ivcc
Supply current from
VCC in power-down
PWRDN = 0
-
0.1
1.0
mA
Supply current from
VCC in operation
PCM Input signal =
-60 dBFs.
Switching frequency =
384 kHz
No LC filters
-
5260mA
Ivdd_dig
Supply current DDX
processing (reference
only)
Internal clock =
49.152 MHz
-
5570mA
ISCP
Short-circuit protection Hi-Z output
4.0
4.2
-
A
UVL
Undervoltage
protection threshold
--
3.5
4.3
V
tmin
Output minimum pulse
width
No load
20
30
60
ns
DR
Dynamic range
-
-
100
-
dB
SNR
Signal-to-noise ratio
A-weighted
-
100
-
dB
THD+N
Total harmonic
distortion + noise
DDX stereo mode,
Po = 1 W, f = 1 kHz
-0.2
-%
PSRR
Power supply rejection
ratio
DDX stereo, <5 kHz
Vripple = 1 V RMS
Audio input = dither only
-80
-
dB
XTALK
Crosstalk
DDX stereo, <5 kHz
One chan. driven at 1 W
other channel measured
-80
-
dB
η
Peak efficiency, DDX
mode
Po = 2 x 20 W into
8
Ω
-90
-
%
Table 7.
Electrical specifications for power section (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com