| Electronic Components Datasheet Search |
|
STA381BWS Datasheet(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA381BWS Datasheet(HTML) 80 Page - STMicroelectronics |
|
80 / 171 page ![]() Register description: New Map STA381BWS 80/171 Doc ID 018937 Rev 6 6.24.12 Coefficient a2 data register bits 15:8 6.24.13 Coefficient a2 data register bits 7:0 6.24.14 Coefficient b0 data register bits 23:16 6.24.15 Coefficient b0 data register bits 15:8 6.24.16 Coefficient b0 data register bits 7:0 6.24.17 Coefficient write/read control register Coefficients for user-defined EQ, mixing, scaling, and bass management are handled internally in the STA381BWS via RAM. Access to this RAM is available to the user via an I2C register interface. A collection of I2C registers is dedicated to this function. One contains a coefficient base address, five sets of three store the values of the 24-bit coefficients to be written or that were read, and one contains bits used to control the write/read of the coefficient(s) to/from RAM. Note: The read and write operation on RAM coefficients works only if the LRCKI pin is switching. D7 D6 D5 D4 D3 D2 D1 D0 C4B15 C4B14 C4B13 C4B12 C4B11 C4B10 C4B9 C4B8 00 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 C4B7 C4B6 C4B5 C4B4 C4B3 C4B2 C4B1 C4B0 00 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 C5B23 C5B22 C5B21 C5B20 C5B19 C5B18 C5B17 C5B16 00 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 C5B15 C5B14 C5B13 C5B12 C5B11 C5B10 C5B9 C5B8 00 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 C5B7 C5B6 C5B5 C5B4 C5B3 C5B2 C5B1 C5B0 00 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 Reserved RA R1 WA W1 0 0 000 |