Electronic Components Datasheet Search
  English  ▼

X  

TDA2040 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA2040
Description  25-watt hi-fi audio power amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2040 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA2040_12 Datasheet HTML 1Page - STMicroelectronics TDA2040_12 Datasheet HTML 2Page - STMicroelectronics TDA2040_12 Datasheet HTML 3Page - STMicroelectronics TDA2040_12 Datasheet HTML 4Page - STMicroelectronics TDA2040_12 Datasheet HTML 5Page - STMicroelectronics TDA2040_12 Datasheet HTML 6Page - STMicroelectronics TDA2040_12 Datasheet HTML 7Page - STMicroelectronics TDA2040_12 Datasheet HTML 8Page - STMicroelectronics TDA2040_12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TDA2040
Electrical specifications
Doc ID 1460 Rev 6
3/16
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vs
Supply voltage
±20
V
Vi
Input voltage
Vs
Vi
Differential input voltage
±15
V
Io
Output peak current (internally limited)
4
A
Ptot
Power dissipation at Tcase = 75 °C
25
W
Tstg, Tj
Storage and junction temperature
-40 to 150
°C
VESD_HBM
ESD maximum withstanding voltage range,
test condition CDF-AEC-Q100-002- ”Human body
model”
±1500
V
Table 3.
Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
Rth_j-case
Thermal resistance junction to case
-
-
3
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com