Electronic Components Datasheet Search
  English  ▼

X  

CXG1017N Datasheet(PDF) 5 Page - Sony Corporation

Part # CXG1017N
Description  GSM900/1800/1900 SPDT TX/RX Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1017N Datasheet(HTML) 5 Page - Sony Corporation

  CXG1017N Datasheet HTML 1Page - Sony Corporation CXG1017N Datasheet HTML 2Page - Sony Corporation CXG1017N Datasheet HTML 3Page - Sony Corporation CXG1017N Datasheet HTML 4Page - Sony Corporation CXG1017N Datasheet HTML 5Page - Sony Corporation CXG1017N Datasheet HTML 6Page - Sony Corporation CXG1017N Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
– 5 –
CXG1028ATN
ESD Precautions
As this is a GaAs MMIC, ESD precautions must be adhered to, as outlined in sony's standard Data Book.
Please contact Sony if detailed ESD performance data is required.
Tape and Reel Information
This device is available in Tape and Reel. Order CXG1028ATN-T2
Reel Quantity: 1000 pieces/reel
Reel Dimensions: 254mm Plastic reel. 12mm width embossed taping.
Absolute Maximum Ratings (Ta = 25°C)
• Control voltage
Vctl
6
V
• Control Current
Ictl
2
mA
• Operating temperature
Topr
–35 to +85
°C
• Storage temperature
Tstg
–65 to +150
°C
• Input Power
Pin
38
dBm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com