Electronic Components Datasheet Search
  English  ▼

X  

TDA7492MV Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7492MV
Description  50 W mono BTL class-D audio amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492MV Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7492MV Datasheet HTML 2Page - STMicroelectronics TDA7492MV Datasheet HTML 3Page - STMicroelectronics TDA7492MV Datasheet HTML 4Page - STMicroelectronics TDA7492MV Datasheet HTML 5Page - STMicroelectronics TDA7492MV Datasheet HTML 6Page - STMicroelectronics TDA7492MV Datasheet HTML 7Page - STMicroelectronics TDA7492MV Datasheet HTML 8Page - STMicroelectronics TDA7492MV Datasheet HTML 9Page - STMicroelectronics TDA7492MV Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Pin description
TDA7492MV
6/26
Doc ID 16264 Rev 1
2
Pin description
2.1
Pin out
Figure 2.
Pin connection (top view, PCB view)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
SUB_GND
NC
NC
NC
NC
NC
NC
NC
NC
OUTN
OUTN
PVCC
PVCC
PGND
PGND
OUTP
OUTP
PGND
VSS
SVCC
VREF
SGND2
VDDS2
GAIN1
GAIN0
DIAG
SGND
VDDS
SYNCLK
ROSC
INN
INP
MUTE
STBY
VDDPW
SVR
EP, exposed pad down
Connect to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com