Electronic Components Datasheet Search
  English  ▼

X  

TDA7498 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7498
Description  100-watt 100-watt dual BTL class-D audio amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7498 Datasheet HTML 6Page - STMicroelectronics TDA7498 Datasheet HTML 7Page - STMicroelectronics TDA7498 Datasheet HTML 8Page - STMicroelectronics TDA7498 Datasheet HTML 9Page - STMicroelectronics TDA7498 Datasheet HTML 10Page - STMicroelectronics TDA7498 Datasheet HTML 11Page - STMicroelectronics TDA7498 Datasheet HTML 12Page - STMicroelectronics TDA7498 Datasheet HTML 13Page - STMicroelectronics TDA7498 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Electrical specifications
TDA7498
10/28
Doc ID 16107 Rev 8
VSTBY
Pin STBY voltage high (H)
-
2.7
-
-
V
Pin STBY voltage low (L)
-
-
0.5
VMUTE
Pin MUTE voltage high (H)
-
2.5
-
-
V
Pin MUTE voltage low (L)
-
-
0.8
AMUTE
Mute attenuation
VMUTE = L, VSTBY = H
-
70
-
dB
1.
fSW = 10
6 / ((16 * R
OSC + 182) * 4) kHz, fSYNCLK = 2 * fSW with R3 = 39 kΩ (see Figure 19.).
2.
fSW = fSYNCLK / 2 with the external oscillator.
Table 6.
Electrical specifications (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com