Electronic Components Datasheet Search
  English  ▼

X  

TDA7498ETR Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7498ETR
Description  160-watt 160-watt dual BTL class-D audio amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498ETR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7498ETR Datasheet HTML 3Page - STMicroelectronics TDA7498ETR Datasheet HTML 4Page - STMicroelectronics TDA7498ETR Datasheet HTML 5Page - STMicroelectronics TDA7498ETR Datasheet HTML 6Page - STMicroelectronics TDA7498ETR Datasheet HTML 7Page - STMicroelectronics TDA7498ETR Datasheet HTML 8Page - STMicroelectronics TDA7498ETR Datasheet HTML 9Page - STMicroelectronics TDA7498ETR Datasheet HTML 10Page - STMicroelectronics TDA7498ETR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TDA7498E
Electrical specifications
Doc ID 022595 Rev 1
7/20
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Thermal data
3.3
Recommended operating conditions
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage for pins PVCCA, PVCCB, SVCC
40
V
VI
Voltage limits for input pins STBY, MUTE, INNA, INPA, INNB, INPB,
GAIN, MODE
-0.3 to 4.0
V
Tj
Operating junction temperature
0 to 150
°C
Top
Operating ambient temperature
0 to 70
°C
Tstg
Storage temperature
-40 to 150
°C
Table 4.
Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
Rth j-case
Thermal resistance, junction to case
-
3.0
°C/W
Table 5.
Recommended operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply voltage for pins PVCCA, PVCCB, SVCC
14
-
36
V
Tamb
Ambient operating temperature
0
-
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com