Electronic Components Datasheet Search
  English  ▼

X  

TDA7512F Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7512F
Description  FM car-radio tuner IC with intelligent selectivity system (ISS)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7512F Datasheet HTML 5Page - STMicroelectronics TDA7512F Datasheet HTML 6Page - STMicroelectronics TDA7512F Datasheet HTML 7Page - STMicroelectronics TDA7512F Datasheet HTML 8Page - STMicroelectronics TDA7512F Datasheet HTML 9Page - STMicroelectronics TDA7512F Datasheet HTML 10Page - STMicroelectronics TDA7512F Datasheet HTML 11Page - STMicroelectronics TDA7512F Datasheet HTML 12Page - STMicroelectronics TDA7512F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
TDA7512F
Pin description
Doc ID 12668 Rev 2
9/45
51
VCC2
Analog Supply
52
IF1AMP2IN
IF1 Amplifier2 Input
53
IF1REF
IF1 Amplifier Reference
54
IF1AMP1OUT
IF1 Amplifier1 Output
55
nc
not used - has to be connected versus VCC2
56
nc
not used - has to be connected versus VCC2
57
IF1AMP1IN
IF1 Amplifier1 Input
58
ISSSTATUS
ISS Filter Status
59
GNDIF1
IF1 Ground
60
IFAGCIN
IF AGC Input
61
VCCIF1
IF1 Supply
62
nu
not used - to be left open
63
MIX1OUT2
MIX Tank 10.7MHz
64
MIX1OUT1
MIX Tank 10.7MHz
Table 2.
Pin description (continued)
Pin #
Pin name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com