Electronic Components Datasheet Search
  English  ▼

X  

TDA7529 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7529_11 Datasheet HTML 6Page - STMicroelectronics TDA7529_11 Datasheet HTML 7Page - STMicroelectronics TDA7529_11 Datasheet HTML 8Page - STMicroelectronics TDA7529_11 Datasheet HTML 9Page - STMicroelectronics TDA7529_11 Datasheet HTML 10Page - STMicroelectronics TDA7529_11 Datasheet HTML 11Page - STMicroelectronics TDA7529_11 Datasheet HTML 12Page - STMicroelectronics TDA7529_11 Datasheet HTML 13Page - STMicroelectronics TDA7529_11 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
Pin description
TDA7529
10/61
Doc ID 13311 Rev 4
10
FMMIX2dec
FM Mixer de couple
11
GNDRF1
GND RF1 section
12
AMAGC1
AMAGC PIN diode driver output
13
AMMIXdec
AM mixer de couple
14
AMMIXin
AM mixer input
15
MIXbiasdec
Mixer bias de coupling
16
IFAGC1
IFAMP gain control via IFAGC - LSB
17
IFAGC2
IFAMP gain control via IFAGC - MSB
18
GP4/VDS
GPIO 4 / VDS input
19
AMAGC2 /
GP8
AMAGC voltage output / alternative GP8 output
20
AFHOLD
AF state machine hold output
21
AFSAMPLE
AF state machine sample output
22
VCCRF1
Supply RF1 section
23
VCOdec1
BIAS de couple for VCO
24
Vtune
VCO tuning voltage
25
VCOdec2
BIAS de couple for VCO
26
GNDVCO
VCO Ground
27
LFLC
Loop filter low current output
28
LFHC
Loop filter high current output
29
GNDPLL
PLL Ground
30
VCCPLL
Supply PLL
31
GP1
GPIO 1
32
GNDRO
Ground PLL digital part
33
XTALI
Reference oscillator input
34
XTALO
Reference oscillator output
35
VCCRO
Supply PLL digital part
36
BUSGND
BUSinterface Ground
37
PS
Protocol Select
38
CS/AS
Chip select / Address select
39
CLK
SPI / I2C clodk
40
MOSI
SPIdata input / I2C Data
41
MISO
SPI Data Output
42
VCCBUS
Supply of BUSinterface
43
VDDdec
De couple of internal 3.3V (=3,3V + Vbe)
Table 2.
Pin assignment (continued)
Pin #
Pin Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com