Electronic Components Datasheet Search
  English  ▼

X  

TS4962 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS4962
Description  2.8 W filter-free mono class D audio power amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS4962_10 Datasheet HTML 2Page - STMicroelectronics TS4962_10 Datasheet HTML 3Page - STMicroelectronics TS4962_10 Datasheet HTML 4Page - STMicroelectronics TS4962_10 Datasheet HTML 5Page - STMicroelectronics TS4962_10 Datasheet HTML 6Page - STMicroelectronics TS4962_10 Datasheet HTML 7Page - STMicroelectronics TS4962_10 Datasheet HTML 8Page - STMicroelectronics TS4962_10 Datasheet HTML 9Page - STMicroelectronics TS4962_10 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Application overview
TS4962
6/44
Doc ID 10968 Rev 8
Figure 1.
Typical application schematics
Rin
Rin
Cs
1u
GND
GND
GND
Vcc
Vcc
SPEAKER
capacitors
Input
are optional
+
-
Differential
Input
In+
GND
In-
GND
In-
Stdby
In+
Out-
Out+
Vcc
1
4
3
7
8
6
5
GND
Internal
Bias
PWM
Output
Bridge
H
Oscillator
150k
150k
+
-
Rin
Rin
Cs
1u
GND
GND
GND
Vcc
Vcc
+
-
Differential
Input
capacitors
Input
are optional
In+
GND
In-
GND
2µF
15µH
15µH
Load
4 Ohms LC Output Filter
8 Ohms LC Output Filter
2µF
GND
1µF
30µH
30µH
1µF
GND
In-
Stdby
In+
Out-
Out+
Vcc
1
4
3
7
8
6
5
GND
Internal
Bias
PWM
Output
Bridge
H
Oscillator
150k
150k
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com