Electronic Components Datasheet Search
  English  ▼

X  

MT-075 Datasheet(PDF) 2 Page - Analog Devices

Part # MT-075
Description  Differential Drivers for High Speed ADCs Overview
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MT-075 Datasheet(HTML) 2 Page - Analog Devices

  MT-075 Datasheet HTML 1Page - Analog Devices MT-075 Datasheet HTML 2Page - Analog Devices MT-075 Datasheet HTML 3Page - Analog Devices MT-075 Datasheet HTML 4Page - Analog Devices MT-075 Datasheet HTML 5Page - Analog Devices MT-075 Datasheet HTML 6Page - Analog Devices MT-075 Datasheet HTML 7Page - Analog Devices MT-075 Datasheet HTML 8Page - Analog Devices MT-075 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MT-075
VOCM = ( VOUT+ + V OUT– ) / 2.
Eq. 4
~
RF
RF
R
G
RG
V
OUT–
VOUT+
+
–
GAIN =
RF
RG
V
IN+
V
IN–
(B) EQUIVALENT CIRCUIT:
VOCM
+
–
+
–
–
+
+
–
RF
RF
R
G
R
G
V
IN+
V
IN–
V
OUT+
V
OUT–
VOCM
V+
V–
(A) FUNCTIONAL DIAGRAM
V
OCM
VOCM
R
IN, sem=
R
G
1 –
R
F
2 × (R
F + RG)
RIN, dm = 2 RG
Figure 1: AD813x, AD493x Differential ADC Driver
Functional Diagram and Equivalent Circuit
The AD813x and ADA493x uses two feedback loops to separately control the differential and
common-mode output voltages. The differential feedback, set with external resistors, controls
only the differential output voltage. The common-mode feedback controls only the common-
mode output voltage. This architecture makes it easy to arbitrarily set the output common-mode
level in level shifting applications. It is forced, by internal common-mode feedback, to be equal
to the voltage applied to the VOCM input, without affecting the differential output voltage. The
result is nearly perfectly balanced differential outputs of identical amplitude and exactly 180°
apart in phase over a wide frequency range. The circuit can be used with either a differential or a
single-ended input, and the voltage gain is equal to the ratio of RF to RG.
The circuit can be analyzed using the assumptions and procedures summarized in Figure 2. As in
the case of op amp circuit dc analysis, one can first make the assumption that the currents into
the inverting and non-inverting input are zero (i.e., the input impedances are high relative to the
values of the feedback resistors). The second assumption is that feedback forces the non-
inverting and inverting input voltages to be equal. The third assumption is that the output
voltages are 180° out of phase and symmetrical about VOCM.
Page 2 of 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com