Electronic Components Datasheet Search
  English  ▼

X  

AD8137 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8137
Description  Differential Amplifier Evaluation Board for Single 8-lead LFCSP Packages
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8137 Datasheet(HTML) 4 Page - Analog Devices

  AD8137 Datasheet HTML 1Page - Analog Devices AD8137 Datasheet HTML 2Page - Analog Devices AD8137 Datasheet HTML 3Page - Analog Devices AD8137 Datasheet HTML 4Page - Analog Devices AD8137 Datasheet HTML 5Page - Analog Devices AD8137 Datasheet HTML 6Page - Analog Devices AD8137 Datasheet HTML 7Page - Analog Devices AD8137 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UG-190
Evaluation Board User Guide
Rev. A | Page 4 of 8
SMA INPUT/OUTPUT CONNECTORS
The inputs and outputs have edge-mounted Subminiature A
(SMA) connectors for straightforward connection to coaxial cables.
The recommended connector type is Johnson Components™,
Part Number 142-0701-801 or equivalent.
OTHER COMPONENTS
The components described in this user guide pertain mostly to
traditional amplifier topologies. Footprints are provided for a
number of other components on the board to allow the user to
be more creative than the traditional designs. A component
labeled as a capacitor need not be a capacitor provided that it
fits the user’s application circuit and the footprint on the board.
In application circuits where footprints for desired components
are not available on the board, the user is encouraged to find ways
to include them. For example, if an additional shunt element is
required, the user can scrape some solder mask away from the
ground plane and trace (if necessary) to make a place for the
additional part. Furthermore, 1206 elements can be stacked on
top of each other to implement a parallel circuit. An example of
this includes stacking capacitors across R17 and R18 to realize a
zero in the closed-loop transfer function. This is one way to
insert pre-emphasis in a line-driver application.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com