Electronic Components Datasheet Search
  English  ▼

X  

PCA9622 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCA9622
Description  16-bit Fm I2C-bus 100 mA 40 V LED driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9622 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCA9622 Datasheet HTML 31Page - NXP Semiconductors PCA9622 Datasheet HTML 32Page - NXP Semiconductors PCA9622 Datasheet HTML 33Page - NXP Semiconductors PCA9622 Datasheet HTML 34Page - NXP Semiconductors PCA9622 Datasheet HTML 35Page - NXP Semiconductors PCA9622 Datasheet HTML 36Page - NXP Semiconductors PCA9622 Datasheet HTML 37Page - NXP Semiconductors PCA9622 Datasheet HTML 38Page - NXP Semiconductors PCA9622 Datasheet HTML 39Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
NXP Semiconductors
PCA9622
16-bit Fm+ I2C-bus 100 mA 40 V LED driver
© NXP B.V. 2012.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 6 September 2012
Document identifier: PCA9622
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
23. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features and benefits . . . . . . . . . . . . . . . . . . . . 2
3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
4
Ordering information . . . . . . . . . . . . . . . . . . . . . 3
5
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 3
6
Pinning information . . . . . . . . . . . . . . . . . . . . . . 4
6.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
6.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4
7
Functional description . . . . . . . . . . . . . . . . . . . 5
7.1
Device addresses . . . . . . . . . . . . . . . . . . . . . . . 5
7.1.1
Regular I2C-bus slave address. . . . . . . . . . . . . 5
7.1.2
LED All Call I2C-bus address . . . . . . . . . . . . . . 6
7.1.3
LED Sub Call I2C-bus addresses . . . . . . . . . . . 6
7.1.4
Software Reset I2C-bus address . . . . . . . . . . . 7
7.2
Control register . . . . . . . . . . . . . . . . . . . . . . . . . 7
7.3
Register definitions . . . . . . . . . . . . . . . . . . . . . . 9
7.3.1
Mode register 1, MODE1 . . . . . . . . . . . . . . . . 10
7.3.2
Mode register 2, MODE2 . . . . . . . . . . . . . . . . 10
7.3.3
PWM0 to PWM15, individual brightness
control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
7.3.4
GRPPWM, group duty cycle control . . . . . . . . 12
7.3.5
GRPFREQ, group frequency . . . . . . . . . . . . . 12
7.3.6
LEDOUT0 to LEDOUT3, LED driver output
state . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
7.3.7
SUBADR1 to SUBADR3, I2C-bus subaddress
1 to 3. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
7.3.8
ALLCALLADR, LED All Call I2C-bus address. 14
7.4
Active LOW output enable input . . . . . . . . . . . 14
7.5
Power-on reset . . . . . . . . . . . . . . . . . . . . . . . . 15
7.6
Software reset. . . . . . . . . . . . . . . . . . . . . . . . . 15
7.7
Individual brightness control with group
dimming/blinking . . . . . . . . . . . . . . . . . . . . . . . 16
8
Characteristics of the I2C-bus . . . . . . . . . . . . 17
8.1
Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
8.1.1
START and STOP conditions . . . . . . . . . . . . . 17
8.2
System configuration . . . . . . . . . . . . . . . . . . . 17
8.3
Acknowledge . . . . . . . . . . . . . . . . . . . . . . . . . 18
9
Bus transactions . . . . . . . . . . . . . . . . . . . . . . . 19
10
Application design-in information . . . . . . . . . 21
10.1
Junction temperature calculation . . . . . . . . . . 22
10.1.1
Example 1: Tj calculation of PCA9622DR, in
TSSOP32 package, when Tamb is known . . . . 23
10.1.2
Example 2: Tj calculation where only Tcase is
known . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
11
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . 24
12
Thermal characteristics . . . . . . . . . . . . . . . . . 25
13
Static characteristics . . . . . . . . . . . . . . . . . . . 26
14
Dynamic characteristics. . . . . . . . . . . . . . . . . 28
15
Test information . . . . . . . . . . . . . . . . . . . . . . . 30
16
Package outline. . . . . . . . . . . . . . . . . . . . . . . . 31
17
Handling information . . . . . . . . . . . . . . . . . . . 32
18
Soldering of SMD packages . . . . . . . . . . . . . . 32
18.1
Introduction to soldering. . . . . . . . . . . . . . . . . 32
18.2
Wave and reflow soldering. . . . . . . . . . . . . . . 32
18.3
Wave soldering . . . . . . . . . . . . . . . . . . . . . . . 32
18.4
Reflow soldering . . . . . . . . . . . . . . . . . . . . . . 33
19
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 34
20
Revision history . . . . . . . . . . . . . . . . . . . . . . . 35
21
Legal information . . . . . . . . . . . . . . . . . . . . . . 37
21.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 37
21.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
21.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . 37
21.4
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . 38
22
Contact information . . . . . . . . . . . . . . . . . . . . 38
23
Contents. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com