Electronic Components Datasheet Search
  English  ▼

X  

RF3826 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF3826
Description  30MHz TO 2500MHz, 9W GaN WIDEBAND
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3826 Datasheet(HTML) 5 Page - RF Micro Devices

  RF3826 Datasheet HTML 1Page - RF Micro Devices RF3826 Datasheet HTML 2Page - RF Micro Devices RF3826 Datasheet HTML 3Page - RF Micro Devices RF3826 Datasheet HTML 4Page - RF Micro Devices RF3826 Datasheet HTML 5Page - RF Micro Devices RF3826 Datasheet HTML 6Page - RF Micro Devices RF3826 Datasheet HTML 7Page - RF Micro Devices RF3826 Datasheet HTML 8Page - RF Micro Devices RF3826 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5 of 15
RF3826
DS120418
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance in Standard Fixed Tuned Test Fixture Matched for 30MHz to
2500MHz (T = 25°C, unless noted)
0
3
6
9
12
15
Frequency (MHz)
Gain versus Frequency
(CW, V
D = 28V, IDQ =55mA)
Pout =39dBm
Pout =35dBm
Pout =25dBm
POUT
POUT
POUT
0
10
20
30
40
50
60
Frequency (MHz)
Power Added Efficiency versus Frequency
(CW, V
D =28V, IDQ = 55mA)
Pout =39dBm
Pout =35dBm
Pout =25dBm
POUT
POUT
POUT
25
20
15
10
5
0
Frequency (MHz)
Input Return Lossversus Frequency
(CW, V
D = 28V, IDQ =55mA)
Pout =39dBm
Pout =35dBm
Pout =25dBm
POUT
POUT
POUT
9
10
11
12
13
14
25
28
31
34
37
40
P
OUT, Output Power (dBm)
Gainversus Output Power
(CW, V
D =28V, IDQ =55mA)
freq=50MHz
freq=1200MHz
freq=2000MHz
0
10
20
30
40
50
60
25
28
31
34
37
40
P
OUT, Output Power (dBm)
PowerAdded Efficiencyversus Output Power
(CW, V
D = 28V, IDQ =55mA)
freq=50MHz
freq=1200MHz
freq=2000MHz
25
20
15
10
5
0
25
28
31
34
37
40
P
OUT,Output Power(dBm)
Input Return Lossversus Output Power
(CW, V
D = 28V, IDQ =55mA)
freq=50MHz
freq=1200MHz
freq=2000MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com