Electronic Components Datasheet Search
  English  ▼

X  

RFHA1006S2 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFHA1006S2
Description  225MHz TO 1215MHz, 9W GaN WIDEBAND
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1006S2 Datasheet(HTML) 3 Page - RF Micro Devices

  RFHA1006S2 Datasheet HTML 1Page - RF Micro Devices RFHA1006S2 Datasheet HTML 2Page - RF Micro Devices RFHA1006S2 Datasheet HTML 3Page - RF Micro Devices RFHA1006S2 Datasheet HTML 4Page - RF Micro Devices RFHA1006S2 Datasheet HTML 5Page - RF Micro Devices RFHA1006S2 Datasheet HTML 6Page - RF Micro Devices RFHA1006S2 Datasheet HTML 7Page - RF Micro Devices RFHA1006S2 Datasheet HTML 8Page - RF Micro Devices RFHA1006S2 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3 of 11
RFHA1006
DS120418
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
RF Functional Tests
[1], [2]
VGS(Q)
-3.2
V
Gain
16.6
dB
PIN = 10dBm, 300MHz
Power Gain
14.8
15.4
dB
PIN = 24dBm, 300MHz
Input Return Loss
-10
dB
Output Power
39.4
dBm
Power Added Efficiency (PAE)
55
62.5
%
Gain
15
dB
PIN = 10dBm, 1100MHz
Power Gain
14
14.5
dB
PIN = 25dBm, 1100MHz
Input Return Loss
-9
dB
Output Power
39.5
dBm
Power Added Efficiency (PAE)
48
53
%
[1] Test Conditions: VDSQ = 28V, IDQ = 88mA, CW, T = 25ºC.
[2] Performance in a standard tuned test fixture.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com