Electronic Components Datasheet Search
  English  ▼

X  

RFHA1003SR Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFHA1003SR
Description  30MHz TO 512MHz, 9W GaN WIDEBAND
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1003SR Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFHA1003SR Datasheet HTML 3Page - RF Micro Devices RFHA1003SR Datasheet HTML 4Page - RF Micro Devices RFHA1003SR Datasheet HTML 5Page - RF Micro Devices RFHA1003SR Datasheet HTML 6Page - RF Micro Devices RFHA1003SR Datasheet HTML 7Page - RF Micro Devices RFHA1003SR Datasheet HTML 8Page - RF Micro Devices RFHA1003SR Datasheet HTML 9Page - RF Micro Devices RFHA1003SR Datasheet HTML 10Page - RF Micro Devices RFHA1003SR Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9 of 11
RFHA1003
DS120216
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
Evaluation Board Bill of Materials (BOM)
Component
Value
Manufacturer
Part Number
C1, C2
2400pF
Dielectric Labs Inc
C08BL242X-5UN-X0
C11
10000pF
Murata Electronics
GRM188R71H103KA01D
C15
10
F
Murata Electronics
GRM21BF51C106ZE15L
C20
0.8pF
ATC
100A0R8BW150XT
C25
4.7
F
Murata Electronics
GRM55ER72A475KA01L
R11
0
Panasonic
ERJ-3GEY0R00V
L20
5.4nH
Coilcraft
0906-5_LB
L21
0.9
HCoilcraft
1008AF-901XJLC
C21, R21
NOT USED
-
-
L21
C21
C1
C2
R11
C11
R21
L20
VG
1
RFIN
2
RFIN
3
N/C
4
N/C
5
RFOUT
6
RFOUT
7
N/C
8
U1
RFHA1003
C20
50Ω Microstrip
50Ω Microstrip
RF IN
RF OUT
C15
C25
D
V
G
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com