Electronic Components Datasheet Search
  English  ▼

X  

CXG1092N Datasheet(PDF) 5 Page - Sony Corporation

Part # CXG1092N
Description  SP5T GSM Triple-Band Antenna Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1092N Datasheet(HTML) 5 Page - Sony Corporation

  CXG1092N Datasheet HTML 1Page - Sony Corporation CXG1092N Datasheet HTML 2Page - Sony Corporation CXG1092N Datasheet HTML 3Page - Sony Corporation CXG1092N Datasheet HTML 4Page - Sony Corporation CXG1092N Datasheet HTML 5Page - Sony Corporation CXG1092N Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
– 5 –
CXG1092N
Application Note (1)
Impedance matching for harmonic minimization
To achieve the 2nd harmonic levels lower than –36dBm for GSM900
Design of 1.8GHz harmonic matching network and the 900MHz trap network is dependent on the board design
and components.
11
12
13
14
15
16
17
18
19
20
10
9
8
7
6
5
4
3
2
1
GND
1800MHz Matching
Network
900MHz Trap
LPF
Tx2
GND
Rx1
GND
Rx2
GND
Rx3
STDBY
Tx1
GND
GND
VDD
GND
GSM900 CTL
DCS1800 CTL
PCS1900 CTL
RX ON
GND
ANT
Application Note (2)
Operating the CXG1092 from a 3V supply
Tx1
ANT
Logic lines
Tx2
Rx1
Rx2
Rx3
CXG1092N
≈ 4.0V D.C. Out
VDD @2.7V
577
µs
VDD
C
∗
D
200k
R
C
Technique
Allows use of the CXG1092N (SP5T) in handsets
with 3V min. battery voltage (2.7V SW supply).
The CXG1092N is for 5V nominal battery voltage
but work well down to 4V.
Fundamentally, the 577
µs time slot waveform is
used to increase the 2.7V supply to over 4V.
∗
This waveform may be taken from the PA
ramping input (or drain supply in case of drain
power control) or via the TX ON/OFF logic.
Additional Components
C: 0603 CAPS, few
µF
R: 200R
D: Low Turn-on voltage diode
200k
200k



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com