Electronic Components Datasheet Search
  English  ▼

X  

CXG1092 Datasheet(PDF) 6 Page - Sony Corporation

Part # CXG1092
Description  SP5T GSM Triple-Band Antenna Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1092 Datasheet(HTML) 6 Page - Sony Corporation

  CXG1092 Datasheet HTML 1Page - Sony Corporation CXG1092 Datasheet HTML 2Page - Sony Corporation CXG1092 Datasheet HTML 3Page - Sony Corporation CXG1092 Datasheet HTML 4Page - Sony Corporation CXG1092 Datasheet HTML 5Page - Sony Corporation CXG1092 Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
– 6 –
CXG1092N
Package Outline
Unit: mm
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE MASS
EPOXY RESIN
SOLDER/PALLADIUM
COPPER ALLOY
PACKAGE STRUCTURE
PLATING
0.1g
SSOP-20P-L03
SSOP020-P-0044
20PIN SSOP(PLASTIC)
NOTE: Dimension “
∗” does not include mold protrusion.
A
20
11
10
0.5
1
0.1 M SA
A
1.25MAX
S
B
0° to 10°
0.25
0.1 ± 0.1
DETAIL A
∗5.0 ± 0.05
(0.2)
b = 0.22 ± 0.05
DETAIL B : SOLDER
b = 0.2 ± 0.03
DETAIL B : PALLADIUM
0.1
S
b
Sony Corporation



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com