Electronic Components Datasheet Search
  English  ▼

X  

CXG1096FN Datasheet(PDF) 3 Page - Sony Corporation

Part # CXG1096FN
Description  Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1096FN Datasheet(HTML) 3 Page - Sony Corporation

  CXG1096FN Datasheet HTML 1Page - Sony Corporation CXG1096FN Datasheet HTML 2Page - Sony Corporation CXG1096FN Datasheet HTML 3Page - Sony Corporation CXG1096FN Datasheet HTML 4Page - Sony Corporation CXG1096FN Datasheet HTML 5Page - Sony Corporation CXG1096FN Datasheet HTML 6Page - Sony Corporation CXG1096FN Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
– 3 –
CXG1096FN
2. Antenna Switch Receiver Block + Low Noise Down Conversion Mixer Block
These specifications are common to the ANT1 reception and ANT2 reception.
Unless otherwise specified: VDD = 3V, RF1 = 1.90GHz/–35dBm, LO = 1.66GHz/–15dBm
When ANT1 reception: VCTL1 = 0V, VCTL2 = 3V
When ANT2 reception: VCTL1 = 3V, VCTL2 = 0V
Electrical Characteristics
These specifications are when the Sony's recommended evaluation board shown on page 6 is used.
1. Power Amplifier Block + Antenna Switch Transmitter Block
These specifications are common to the ANT1 transmission and ANT2 transmission.
Unless otherwise specified: VDD = 3V, IDD = 150mA, POUT = 20.2dBm, f = 1.9GHz
When ANT1 transmission: VCTL1 = 3V, VCTL2 = 0V
When ANT2 transmission: VCTL1 = 0V, VCTL2 = 3V
Current consumption
Gate voltage adjustment value
Output power
Power gain
Adjacent channel leak power ratio
(600 ± 100kHz)
Adjacent channel leak power ratio
(900 ± 100kHz)
Occupied bandwidth
2nd-order harmonic level
3rd-order harmonic level
Item
IDD
VGG
POUT
GP
ACPR600kHz
ACPR900kHz
OBW
—
—
Symbol
0.04
20.2
36
Min.
150
40
–63
–70
250
Typ.
0.6
–55
–60
275
–25
–25
Max.
mA
V
dBm
dB
dBc
dBc
kHz
dBc
dBc
Unit
Measured with the ANT pin
Measured with the ANT pin
Measured with the ANT pin
Measured with the ANT pin
Measured with the ANT pin
Measured with the ANT pin
Measurement conditions
Item
Symbol
Min. Typ. Max. Unit
Measurement conditions
(Ta = 25°C)
Current consumption
Conversion gain
Noise figure
Input IP3
Image suppression ratio
1/2 IF suppression ratio
2
× LO–IF suppression ratio
2
× LO+IF suppression ratio
LO to ANT leak
IDD
GC
NF
IIP3
IMR
1/2IFR
—
—
PLK
17
–17
25
41
39
34
5.5
19.5
4.4
–12
40
47
45
65
–50
7.5
5.5
–40
mA
dB
dB
dBm
dBc
dBc
dBc
dBc
dBm
When no signal
When a small signal
When a small signal
∗1
RF2 = 1.42GHz/–35dBm
RF2 = 1.78GHz/–35dBm
RF2 = 3.08GHz/–35dBm
RF2 = 3.56GHz/–35dBm
(Ta = 25°C)
∗1 Conversion from IM3 compression ratio during FR1 = 1.9000GHz/–35dBm and FR2 = 1.9006GHz/–35dBm input.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com