Electronic Components Datasheet Search
  English  ▼

X  

ACP100E Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # ACP100E
Description  Low Cost, 1W Ultra-Miniature DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ACP100E Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  ACP100E Datasheet HTML 1Page - MicroPower Direct, LLC ACP100E Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
1. Output load regulation is specified for a load change of 10% to 100%.
2. These units should not be operated with a load under 10% of full load. Operation
at no-load may cause damage to the unit.
3. These converters will operate without external components. However, when measur-
ing output ripple, it is recommended that an external ceramic capacitor be placed
from the +Vout pin to the
-Vout pin. An input capacitor
will enhance stability over
temperature and input line
variations. Recommended
capacitor values are given
in the table at right. For
applications requiring very
low output noise levels, a
simple LC filter should be effective.
4. Given for frequency range of 5 to 500 Hz and PSD of 0.0248 g2/Hz.
Tested on X, Y & Z axis for 60 minutes.
5. It is recommended that a fuse be used on the input of a power supply for protection.
See the Model Selection table above for the correct rating.
Vin
Input
Capacitor
Vout
Output
Capacitor
5 VDC
4.7 µF
5 VDC
10.0 µF
12 VDC
2.2 µF
9 VDC
4.7 µF
12 VDC
2.2 µF
15 VDC
1.0 µF
Model Selection Guide
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation on the top of the unit
Model
Number
Input
Output
Load Regulation
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
(% Typ)
(% Max)
ACP101E
5
4.5 - 5.5
270
50
5.0
200.0
20.0
12.8
15.0
74
500
ACP102E
5
4.5 - 5.5
256
50
9.0
111.0
12.0
8.3
15.0
78
500
ACP103E
5
4.5 - 5.5
260
50
12.0
83.0
9.0
6.8
15.0
77
500
ACP104E
5
4.5 - 5.5
263
50
15.0
67.0
7.0
6.3
15.0
76
500
ACP111E
12
10.8 - 13.2
114
20
5.0
200.0
20.0
12.8
15.0
73
200
ACP112E
12
10.8 - 13.2
127
20
9.0
111.0
12.0
8.3
15.0
74
200
ACP113E
12
10.8 - 13.2
110
20
12.0
83.0
9.0
6.8
15.0
76
200
ACP114E
12
10.8 - 13.2
111
20
15.0
67.0
7.0
6.3
15.0
75
200
Mechanical Dimensions
www.micropowerdirect.com
Derating Curve
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Pin
Description
1+Vin
2-Vin
5
-Vout
6
+Vout
7NC
8NC
14
NC
NC = No Connection
Pin Connections



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com