Electronic Components Datasheet Search
  English  ▼

X  

MPB-05S Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPB-05S
Description  Miniature PCB-Mount, 5W, Open Frame AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPB-05S Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPB-05S Datasheet HTML 1Page - MicroPower Direct, LLC MPB-05S Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Derating Curve
Notes:
1. Output voltage tolerance is measured at nominal input and 75% load.
2. Output ripple is measured at 20 MHz bandwidth using 0.1
µF and 10 µF
capacitors connected in parallel as close to the power supply terminals
as possible.
3. These units will operate at no load without damage. For most applica-
tions however,
MPD recommends that a minimum load always be used.
Contact the factory for more information.
4. Each unit includes an input fuse (250V/1A). Since this fuse is not field
replaceable, it is recommended that an external fuse of the same size
be used on the input of the power supply for protection.
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.02 (±0.50)
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Other Models May Be Available. Contact The Factory For Details
www.micropowerdirect.com
Model
Number
Input
Output
Max
Output
Power
(W)
Efficiency
(%, Typ)
Current (A)
Voltage
(VDC)
Current (A)
115 VAC
230 VAC
Rated
% Min.
MPB-05S-03
0.15
0.07
3.3
1.25
0.00
4.12
70
MPB-05S-05
0.15
0.07
5.0
1.00
0.00
5.00
73
MPB-05S-09
0.15
0.07
9.0
0.55
0.00
5.00
76
MPB-05S-12
0.15
0.07
12.0
0.42
0.00
5.00
77
MPB-05S-15
0.15
0.07
15.0
0.33
0.00
5.00
78
MPB-05S-18
0.15
0.07
18.0
0.28
0.00
5.00
78
MPB-05S-24
0.15
0.07
24.0
0.23
0.00
5.50
80
Pin
Description
1
AC-Neutral
2
AC-Line
3
-V Output
4
+V Output
Pin Connections



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com