Electronic Components Datasheet Search
  English  ▼

X  

M48T35Y Datasheet(PDF) 7 Page - STMicroelectronics

Part # M48T35Y
Description  5 V, 256 Kbit (32 Kb x 8) TIMEKEEPER® SRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35Y Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M48T35Y Datasheet HTML 3Page - STMicroelectronics M48T35Y Datasheet HTML 4Page - STMicroelectronics M48T35Y Datasheet HTML 5Page - STMicroelectronics M48T35Y Datasheet HTML 6Page - STMicroelectronics M48T35Y Datasheet HTML 7Page - STMicroelectronics M48T35Y Datasheet HTML 8Page - STMicroelectronics M48T35Y Datasheet HTML 9Page - STMicroelectronics M48T35Y Datasheet HTML 10Page - STMicroelectronics M48T35Y Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
M48T35, M48T35Y
Description
Doc ID 2611 Rev 10
7/28
Figure 4.
Block diagram
AI01623
LITHIUM
CELL
OSCILLATOR AND
CLOCK CHAIN
VPFD
VCC
VSS
32,768 Hz
CRYSTAL
VOLTAGE SENSE
AND
SWITCHING
CIRCUITRY
8 x 8 BiPORT
SRAM ARRAY
32,760 x 8
SRAM ARRAY
A0-A14
DQ0-DQ7
E
W
G
POWER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com