Electronic Components Datasheet Search
  English  ▼

X  

M48T58Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48T58Y
Description  5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T58Y Datasheet(HTML) 1 Page - STMicroelectronics

  M48T58Y Datasheet HTML 1Page - STMicroelectronics M48T58Y Datasheet HTML 2Page - STMicroelectronics M48T58Y Datasheet HTML 3Page - STMicroelectronics M48T58Y Datasheet HTML 4Page - STMicroelectronics M48T58Y Datasheet HTML 5Page - STMicroelectronics M48T58Y Datasheet HTML 6Page - STMicroelectronics M48T58Y Datasheet HTML 7Page - STMicroelectronics M48T58Y Datasheet HTML 8Page - STMicroelectronics M48T58Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
June 2011
Doc ID 2412 Rev 8
1/33
1
M48T58
M48T58Y
5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
Features
■ Integrated, ultra low power SRAM, real-time
clock, power-fail control circuit and battery
■ BYTEWIDE™ RAM-like clock access
■ BCD coded year, month, day, date, hours,
minutes, and seconds
■ Frequency test output for real-time clock
■ Automatic power-fail chip deselect and WRITE
protection
■ WRITE protect voltages
(VPFD = power-fail deselect voltage):
–M48T58: VCC = 4.75 to 5.5 V;
4.5 V
≤ VPFD ≤ 4.75 V
–M48T58Y: VCC = 4.5 to 5.5 V;
4.2 V
≤ VPFD ≤ 4.5 V
■ Self-contained battery and crystal in the
CAPHAT™ DIP package
■ Packaging includes a 28-lead SOIC and
SNAPHAT® top (to be ordered separately)
■ SOIC package provides direct connection for a
snaphat housing containing the battery and
crystal
■ Pin and function compatible with JEDEC
standard 8 Kb x 8 SRAMs
■ RoHS compliant
– Lead-free second level interconnect
28
1
28
1
PCDIP28
Battery/crystal
CAPHAT™
SNAPHAT®
Battery/crystal
SOH28
www.st.com


Similar Part No. - M48T58Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T58Y STMICROELECTRONICS-M48T58Y Datasheet
135Kb / 17P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Jul-1999
M48T58Y STMICROELECTRONICS-M48T58Y Datasheet
183Kb / 27P
5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
20-May-2002
M48T58Y STMICROELECTRONICS-M48T58Y Datasheet
259Kb / 31P
5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
30-Aug-2007
M48T58Y STMICROELECTRONICS-M48T58Y Datasheet
495Kb / 33P
5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
June 2011 Rev 8
M48T58Y-70MH1 STMICROELECTRONICS-M48T58Y-70MH1 Datasheet
135Kb / 17P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Jul-1999
More results

Similar Description - M48T58Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T58Y STMICROELECTRONICS-M48T58Y Datasheet
183Kb / 27P
5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
20-May-2002
M48T35_0708 STMICROELECTRONICS-M48T35_0708 Datasheet
258Kb / 29P
5V, 256 Kbit (32 Kb x 8) TIMEKEEPER SRAM
01-Aug-2007
M48T58 STMICROELECTRONICS-M48T58_07 Datasheet
259Kb / 31P
5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
30-Aug-2007
M48T59 STMICROELECTRONICS-M48T59_08 Datasheet
378Kb / 32P
5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
01-Apr-2008
M48T58 STMICROELECTRONICS-M48T58_10 Datasheet
517Kb / 33P
5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
02-Aug-2010
M48T08 STMICROELECTRONICS-M48T08_10 Datasheet
518Kb / 31P
5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
June 2010 Rev 10
M48T02 STMICROELECTRONICS-M48T02_10 Datasheet
395Kb / 25P
5.0 V, 16 Kbit (2 Kb x 8) TIMEKEEPER® SRAM
02-Aug-2010
M48Z08 STMICROELECTRONICS-M48Z08_10 Datasheet
323Kb / 20P
5 V, 64 Kbit (8 Kb x 8) ZEROPOWER® SRAM
27-May-2010
M48T08 STMICROELECTRONICS-M48T08_11 Datasheet
497Kb / 31P
5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
June 2011 Rev 11
M48T58Y STMICROELECTRONICS-M48T58Y_11 Datasheet
495Kb / 33P
5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
June 2011 Rev 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com