Electronic Components Datasheet Search
  English  ▼

X  

SPC56AP60X Datasheet(PDF) 7 Page - STMicroelectronics

Part # SPC56AP60X
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP60X Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SPC56AP60X Datasheet HTML 3Page - STMicroelectronics SPC56AP60X Datasheet HTML 4Page - STMicroelectronics SPC56AP60X Datasheet HTML 5Page - STMicroelectronics SPC56AP60X Datasheet HTML 6Page - STMicroelectronics SPC56AP60X Datasheet HTML 7Page - STMicroelectronics SPC56AP60X Datasheet HTML 8Page - STMicroelectronics SPC56AP60X Datasheet HTML 9Page - STMicroelectronics SPC56AP60X Datasheet HTML 10Page - STMicroelectronics SPC56AP60X Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 104 page
background image
SPC56xP54x, SPC56xP60x
Introduction
Doc ID 18340 Rev 3
7/104
1
Introduction
1.1
Document overview
This document provides electrical specifications, pin assignments, and package diagrams
for the SPC56xP54/60 series of microcontroller units (MCUs). It also describes the device
features and highlights important electrical and physical characteristics. For functional
characteristics, refer to the device reference manual.
1.2
Description
This 32-bit system-on-chip (SoC) automotive microcontroller family is the latest achievement
in integrated automotive application controllers. It belongs to an expanding range of
automotive-focused products designed to address chassis applications specifically the
airbag application.
This family is one of a series of next-generation integrated automotive microcontrollers
based on the Power Architecture technology.
The advanced and cost-efficient host processor core of this automotive controller family
complies with the Power Architecture embedded category. It operates up to 64 MHz and
offers high performance processing optimized for low power consumption. It capitalizes on
the available development infrastructure of current Power Architecture devices and is
supported with software drivers, operating systems and configuration code to assist with
users implementations.
1.3
Device comparison
Table 2 provides a summary of different members of the SPC56xP54/60 family and their
features—relative to Full-featured version—to enable a comparison among the family
members and an understanding of the range of functionality offered within this family.
Table 2.
SPC56xP54/60 device comparison
Feature
SPC560P54
SPC560P60
SPC56AP54
SPC56AP60
Code Flash memory (with ECC)
768 KB
1 MB
768 KB
1 MB
Data Flash / EE (with ECC)
64 KB
SRAM (with ECC)
64 KB
80 KB
64 KB
80 KB
Processor core
32-bit e200z0h
32-bit Dual e200z0h
Instruction set
VLE
CPU performance
0-64 MHz
FMPLL (frequency-modulated phase-
locked loop) modules
1
INTC (interrupt controller) channels
148
PIT (periodic interrupt timer)
1 (includes four 32-bit timers)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com