Electronic Components Datasheet Search
  English  ▼

X  

MPM-05PB Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPM-05PB
Description  Very Low Cost, 5W Compact Power Brick AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM-05PB Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPM-05PB Datasheet HTML 1Page - MicroPower Direct, LLC MPM-05PB Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
Pin
Function
Pin
Function
1
AC-Neutral
3
+Vo
2
AC-Line
4
-Vo
Pin Connections
Model
Number
Input
Output
Over Voltage
Protection
(VDC)
Efficiency
(%, Typ)
Current (A)
Voltage
(VDC)
Current (A)
115 VAC
230 VAC
Max.
Peak
(60 Sec)
MPM-05S-03PB
0.110
0.070
3.3
1.250
1.400
6.5
66
MPM-05S-05PB
0.110
0.070
5.0
1.000
1.300
6.5
72
MPM-05S-09PB
0.110
0.070
9.0
0.550
0.700
12.0
74
MPM-05S-12PB
0.110
0.070
12.0
0.420
0.550
20.0
76
MPM-05S-15PB
0.110
0.070
15.0
0.333
0.450
20.0
76
MPM-05S-24PB
0.110
0.070
24.0
0.230
0.300
30.0
78
Derating Curve
Mechanical Dimensions
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Typical Connection
Notes:
1. For the 3.3V output model, Output Accuracy is
±3.0%
2. Load regulation is measured for an output
change of 10% to 100% at nominal input line.
3. Over voltage protection is provided by a diode
clamp & chip lock up.
4. It is recommended that a fuse be used on the
input of a power supply for protection. For the
MPM-05PB series, a 1A/250 VAC slow blow
should be used.
Input Voltage Vs Load
The diagram below illustrates a typical application connection of the MPM-05PB series. Notes on this circuit (starting with the input circuit) are:
1. It is recommended that an external fuse, NTC and MOV be added to the input
to the unit. For the fuse, a 1A/250V slow blow is recommended. For the NTC, a
5D-9 may be used. added to the input.To protect the unit in the event of a surge.
A 471KD05 or equivalent MOV is recommended.
2. For EMI sensitive applications, the input filtering circuit (inside the dotted boxes)
may be added. The filter consists of a common mode choke and x/y caps:
C
1
C
2
/C
3
T
1
0.1 µF/275V
220 pF/400V
10 - 30 mH
3. Recommended output filtering capacitors are:
C
4
C
5
TVS
MPM-05S-03PB
47 µF/10V
0.1 µF/50V
P6KE6.8A
MPM-05S-05PB
47 µF/10V
0.1 µF/50V
P6KE6.8A
MPM-05S-09PB
33 µF/25V
0.1 µF/50V
P6KE12A
MPM-05S-12PB
33 µF/25V
0.1 µF/50V
P6KE20A
MPM-05S-15PB
33 µF/25V
0.1 µF/50V
P6KE20A
MPM-05S-24PB
10 µF/35V
0.1 µF/50V
P6KE30A
The output filtering capacitor (C
4
) is a high frequency, low resistance electrolytic
capacitor.Capacitor (C
5
) is ceramic.Voltage derating of capacitors should be 80%
or above. The TVS is added to protect circuitry being powered.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com