Electronic Components Datasheet Search
  English  ▼

X  

SF1056B Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # SF1056B
Description  Hermetic 5 X 7 mm Surface Mount Case
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF1056B Datasheet(HTML) 1 Page - RF Monolithics, Inc

  SF1056B Datasheet HTML 1Page - RF Monolithics, Inc SF1056B Datasheet HTML 2Page - RF Monolithics, Inc SF1056B Datasheet HTML 3Page - RF Monolithics, Inc SF1056B Datasheet HTML 4Page - RF Monolithics, Inc SF1056B Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 5
©2011 by RF Monolithics, Inc.
SF1056B - 3/16/11
Electrical Characteristics
Characteristic
Sym
Notes
Min
Typ
Max
Units
Center Frequency
FC
110.592
MHz
Insertion Loss
IL
8.6
10.0
dB
3 dB Bandwidth
BW3
1.152
1.44
MHz
Group Delay Ripple, 110.016 to 111.168 MHz
150
200
nsP-P
40 dB Bandwidth
BW40
6.7
7.0
MHz
Rejection:
dB
DC to 107.192 MHz
38
42
107.192 to 108.864 MHz
28
42
112.320 to 113.992 MHz
28
34
113.992 to 200 MHz
38
42
Source Impedance for L-L Matching Network
50
ohm
Load Impedance for L-L Matching Network
50
ohm
Case Style
SMP-03 5 x 7 mm Nominal Footprint
Lid Symbolization (Y=year, WW=week, S=shift) See note 3
RFM SF1056B YWWS
SMP-03
• 110.592 MHz Narrow-band SAW Filter
• Steep Transition to Stopband
• Hermetic 5 X 7 mm Surface Mount Case
• Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Incident Power in Passband
+10
dBm
DC Voltage on any Non-ground Terminal
3
VDC
Operating Temperature Range
-40 to +80
°C
Storage Temperature Range in Tape and Reel
-40 to +85
°C
Soldering Profile, 5 Cycles Maximum
265 °C for 10 s
110.592 MHz
SAW Filter
SF1056B
1.
Unless noted otherwise, all specifications apply over the operating temper-
ature range with filter soldered to the specified demonstration board with
impedance matching to 50
Ω and measured with 50 Ω network analyzer. A
dB offset exists for RFM because of the loss introduced by using trans-
formers on the Input and Output.
2.
Rejection is measured as attenuation below the minimum IL point in the
passband. Rejection in final user application is dependent on PCB layout
and external impedance matching design. See Application Note No. 42
for details.
3.
"LRIP" or "L" after the part number indicates "low rate initial production"
and "ENG" or "E" indicates "engineering prototypes."
4.
The design, manufacturing process, and specifications of this filter are
subject to change.
5.
Either Port 1 or Port 2 may be used for either input or output in the design.
However, impedances and impedance matching may vary between Port 1
and Port 2, so that the filter must always be installed in one direction per
the circuit design.
6.
US and international patents may apply.
7.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered
trademarks of RF Monolithics, Inc.
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
Preliminary
Pb


Similar Part No. - SF1056B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF1056B MURATA-SF1056B Datasheet
826Kb / 5P
110.592 MHz SAW Filter
More results

Similar Description - SF1056B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SM-10 RFM-SM-10 Datasheet
46Kb / 1P
10-Terminal Surface-Mount Case 13.7 X 9.4 mm Nominal Footprint
SMP-03 RFM-SMP-03 Datasheet
161Kb / 2P
10-Terminal Ceramic Surface-Mount Case 7 x 5 mm Nominal Footprint
logo
MTRONPTI
M1325 MTRONPTI-M1325 Datasheet
254Kb / 1P
Surface Mount Crystal 3.2 x 5 x 0.8 mm
logo
RF Monolithics, Inc
SM10996-14 RFM-SM10996-14 Datasheet
15Kb / 1P
14-Terminal Surface-Mount Case 10.9 X 9.6 mm Nominal Footprint
SM3838-8 RFM-SM3838-8 Datasheet
44Kb / 1P
8-Terminal Ceramic Surface-Mount Case 3.8 X 3.8 mm Nominal Footprint
logo
ILSI America LLC
I531-7Q3-20.000 ILSI-I531-7Q3-20.000 Datasheet
45Kb / 1P
Surface Mount Oscillator, TCXO, TCVCXO Ceramic Package, 5 mm x 7 mm
logo
RF Monolithics, Inc
XFL8001 RFM-XFL8001 Datasheet
113Kb / 2P
6-Terminal Surface-Mount Case 5.0 x 7.0 mm Nominal Footprint
logo
ILSI America LLC
ILCX04 ILSI-ILCX04 Datasheet
46Kb / 2P
4 Pad Ceramic Package, 5 mm x 7 mm
logo
Murata Manufacturing Co...
SF2021B MURATA-SF2021B Datasheet
280Kb / 2P
Hermetic 13.3 x 6.5 mm Surface3-Mount Case
SF2146D MURATA-SF2146D Datasheet
275Kb / 4P
3.8 X 3.8 X 1.0 mm Surface Mount Case
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com