Electronic Components Datasheet Search
  English  ▼

X  

STA2500D Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA2500D
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA2500D_10 Datasheet HTML 5Page - STMicroelectronics STA2500D_10 Datasheet HTML 6Page - STMicroelectronics STA2500D_10 Datasheet HTML 7Page - STMicroelectronics STA2500D_10 Datasheet HTML 8Page - STMicroelectronics STA2500D_10 Datasheet HTML 9Page - STMicroelectronics STA2500D_10 Datasheet HTML 10Page - STMicroelectronics STA2500D_10 Datasheet HTML 11Page - STMicroelectronics STA2500D_10 Datasheet HTML 12Page - STMicroelectronics STA2500D_10 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
STA2500D
Quick reference data
Doc ID 16067 Rev 2
9/58
Table 7.
System clock, sine wave specifications
Symbol
Parameter
Min.
Typ.
Max.
Unit
VPP
Peak to peak voltage range
0.27
0.5
1.8
V
NH
Total harmonic content of input signal
-
-
-25
dBc
ZINRe
Real part of parallel input impedance at pin
30
60
90
k
Ω
ZINIm
Imaginary part of parallel input impedance at pin
-
5
8
pF
ZIDRe
Real impedance discrepancy between active and non-
active mode of clock input
--
7
k
Ω
ZIDim
Imaginary impedance discrepancy between active and
non-active mode of clock input
--
500
fF
Phase noise @ 10 kHz(1)
--
-126
dBc/Hz
1.
Equivalent to max 10 ps time jitter (rms).
Table 8.
System clock, digital clock DC specifications
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIL
Low level input voltage
-0.2
-
0.35 *
BT_VDD_CLD
V
VIH
High level input voltage
0.65 *
BT_VDD_CLD
-
(BT_VDD_CLD
+ 0.2) and
(
≤ 2.85)
V
CIN
Input capacitance
-
5
8
pF
Table 9.
System clock, digital clock AC specifications
Symbol
Parameter
Min.
Typ.
Max.
Unit
TRISE
10% - 90% rise time
-
1.5
6
ns
TFALL
90% - 10% fall time
-
1.5
6
ns
DCYCLE
Duty cycle
45
50
55
%
-
Phase noise @ 10 kHz(1)
-
-
-121
dBc/Hz
1.
Equivalent to max 15 ps time jitter (rms).
Table 10.
Low power clock specifications
The low power clock pin is powered by connecting BT_VIO_B to the wanted supply.
Symbol
Parameter
Min.
Typ.
Max.
Unit
FIN
Clock input frequencies
3.2, 32, 32.768
kHz
-
Duty cycle
30
-
70
%
-
Tolerance on input frequency
−250
-
250
ppm
VIL
Low level input voltage
-
-
0.35 *
BT_VIO_B
V
VIH
High level input voltage
0.65 *
BT_VIO_B
--
V
Vhyst
Schmitt trigger hysteresis (BT_VIO_B = 1.8 V)
0.4
0.5
0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com