Electronic Components Datasheet Search
  English  ▼

X  

ST-LINK Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST-LINK
Description  In-circuit debugger/programmer for STM8 and STM32
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-LINK Datasheet(HTML) 1 Page - STMicroelectronics

  ST-LINK Datasheet HTML 1Page - STMicroelectronics ST-LINK Datasheet HTML 2Page - STMicroelectronics ST-LINK Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
January 2012
Doc ID 17823 Rev 2
1/3
3
ST-LINK
In-circuit debugger/programmer for STM8 and STM32
Features
■ 5 V power supplied by USB connector
■ USB 2.0 full speed interface compatible
■ USB standard A to Mini-B cable provided
■ SWIM specific features:
– 1.65 V to 5.5 V application voltage
supported on SWIM interface
– SWIM low speed and high speed modes
supported
– SWIM programming speed rates of
9.7 Kbytes/s in low speed, 12.8 Kbytes/s in
high speed
– SWIM cable for connection to an
application with an ERNI standard
connector vertical (ref: 284697 or 214017)
or horizontal (ref: 214012)
– SWIM cable for connection to an
application with pin headers or 2.54 mm
pitch connector
■ JTAG/SWD specific features:
– 3 V to 3.6 V application voltage supported
on JTAG/SWD interface and 5 V tolerant
inputs
– JTAG/SWD cable provided for connection
to a standard JTAG 20-pin pitch 2.54 mm
connector
■ Direct firmware update feature supported
■ Status LED which blinks during communication
with PC
■ Operating temperature 0 to 50 °C
Description
The ST-LINK is an in-circuit debugger and
programmer for the STM8 and STM32
microcontroller families. The SWIM and
JTAG/SWD interface is used to communicate with
the STM8 or STM32 microcontroller located on
your own application board.
STM8 applications use the USB full speed
interface to communicate with
STMicroelectronics’ ST Visual Develop (STVD) or
ST Visual Program (STVP) software.
STM32 applications use the USB full speed
interface to communicate with ATOLLIC
®, IAR™,
KEIL™ or TASKING™ integrated development
environments.
Table 1.
Device summary
Order code
Reference
ST-LINK
ST-LINK in-circuit debugger
and programmer for the STM8
and STM32
www.st.com


Similar Part No. - ST-LINK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST-LINK-V2 STMICROELECTRONICS-ST-LINK-V2 Datasheet
265Kb / 5P
ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32 microcontrollers
Rev 5 - April 2020
ST-LINK/V2 STMICROELECTRONICS-ST-LINK/V2 Datasheet
265Kb / 5P
ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32 microcontrollers
Rev 5 - April 2020
ST-LINK/V2 STMICROELECTRONICS-ST-LINK/V2 Datasheet
682Kb / 19P
ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32
18-Oct-2018
ST-LINK/V2-ISOL STMICROELECTRONICS-ST-LINK/V2-ISOL Datasheet
265Kb / 5P
ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32 microcontrollers
Rev 5 - April 2020
ST-LINK/V2-ISOL STMICROELECTRONICS-ST-LINK/V2-ISOL Datasheet
682Kb / 19P
ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32
18-Oct-2018
More results

Similar Description - ST-LINK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STX-RLINK STMICROELECTRONICS-STX-RLINK Datasheet
69Kb / 4P
Raisonance?셲 in-circuit debugger/programmer for ST7, uPSD, STR7 and STR9
20-Jun-2006
logo
Microchip Technology
DS51795A MICROCHIP-DS51795A Datasheet
1Mb / 98P
PICkit??3 Programmer/Debugger
2009
51795B MICROCHIP-51795B Datasheet
1Mb / 100P
PICkit??3 Programmer/Debugger
01/05/10
AC162049 MICROCHIP-AC162049 Datasheet
4Mb / 2P
MPLAB ICD 2 In-Circuit Debugger/Programmer
9/1/03
logo
STMicroelectronics
STM8L-PRIMER STMICROELECTRONICS-STM8L-PRIMER Datasheet
265Kb / 7P
Raisonance STM32 and STM8 Primers for fun, easy evaluation and development with STM32 and STM8
14-Oct-2013
STLINK-V3SET STMICROELECTRONICS-STLINK-V3SET Datasheet
174Kb / 4P
STLINK-V3SET debugger/programmer for STM8 and STM32
06-Sep-2018
logo
List of Unclassifed Man...
ICD-U64 ETC1-ICD-U64 Datasheet
297Kb / 2P
In-Circuit Programmer/Debugger
logo
STMicroelectronics
ST-LINK-V2 STMICROELECTRONICS-ST-LINK-V2 Datasheet
265Kb / 5P
ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32 microcontrollers
Rev 5 - April 2020
UM1075 STMICROELECTRONICS-UM1075 Datasheet
682Kb / 19P
ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32
18-Oct-2018
STLINK-V3PWR STMICROELECTRONICS-STLINK-V3PWR Datasheet
491Kb / 6P
Source measurement unit (SMU) and debugger/programmer for STM32 microcontrollers
27-Jan-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com