Electronic Components Datasheet Search
  English  ▼

X  

STPS3L40-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS3L40-Y
Description  Automotive power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L40-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STPS3L40-Y Datasheet HTML 1Page - STMicroelectronics STPS3L40-Y Datasheet HTML 2Page - STMicroelectronics STPS3L40-Y Datasheet HTML 3Page - STMicroelectronics STPS3L40-Y Datasheet HTML 4Page - STMicroelectronics STPS3L40-Y Datasheet HTML 5Page - STMicroelectronics STPS3L40-Y Datasheet HTML 6Page - STMicroelectronics STPS3L40-Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
STPS3L40-Y
4/7
Doc ID 018562 Rev 1
Figure 7.
Reverse leakage current versus
reverse voltage applied
(typical values)
Figure 8.
Junction capacitance versus
reverse voltage applied
(typical values)
Figure 9.
Forward voltage drop versus
forward current
Figure 10.
Thermal resistance junction to
ambient versus copper surface
under each lead
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
5
10
15
20
25
30
35
40
I (mA)
R
V (V)
R
T =125°C
j
T =100°C
j
T =25°C
j
10
100
1000
110
100
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
I
(A)
FM
0.01
0.10
1.00
10.00
100.00
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
T
j=25°C
(Maximum values)
T
j=125 °C
(Typical values)
T
j=125 °C
(Typical values)
T
j=125 °C
(Maximum values)
T
j=125 °C
(Maximum values)
V
(V)
FM
0
10
20
30
40
50
60
70
80
90
100
110
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
S
(cm²)
CU
R
(°C/W)
th(j-a)
epoxy printed board FR4, copper thickness = 35 µm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com