Electronic Components Datasheet Search
  English  ▼

X  

STPS5L25 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS5L25
Description  Low drop power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5L25 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS5L25_08 Datasheet HTML 1Page - STMicroelectronics STPS5L25_08 Datasheet HTML 2Page - STMicroelectronics STPS5L25_08 Datasheet HTML 3Page - STMicroelectronics STPS5L25_08 Datasheet HTML 4Page - STMicroelectronics STPS5L25_08 Datasheet HTML 5Page - STMicroelectronics STPS5L25_08 Datasheet HTML 6Page - STMicroelectronics STPS5L25_08 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
April 2008
Rev 6
1/7
7
STPS5L25
Low drop power Schottky rectifier
Features
■ Very low forward voltage drop for less power
dissipation and reduced heatsink
■ Optimized conduction/reverse losses trade-off
which means the highest efficiency in the
applications
■ High power surface mount miniature package
■ Avalanche capability specified
Description
Single Schottky rectifier suited to switched mode
power supplies and high frequency DC to DC
converters.
This device is especially intended for use as a
rectifier at the secondary of 3.3 V SMPS units.
Table 1.
Device summary
IF(AV)
5 A
VRRM
25 V
Tj (max)
150 °C
VF(max)
0.35 V
2
4(TAB)
3
1
2
3
4
NC
DPAK
www.st.com


Similar Part No. - STPS5L25_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS5L25B STMICROELECTRONICS-STPS5L25B Datasheet
67Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Aug-1999
STPS5L25B-1 STMICROELECTRONICS-STPS5L25B-1 Datasheet
67Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Aug-1999
STPS5L25B-TR STMICROELECTRONICS-STPS5L25B-TR Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS5L25B-TR STMICROELECTRONICS-STPS5L25B-TR Datasheet
333Kb / 8P
Low drop power Schottky rectifier
15-May-2017
STPS5L25 STMICROELECTRONICS-STPS5L25_V01 Datasheet
333Kb / 8P
Low drop power Schottky rectifier
15-May-2017
More results

Similar Description - STPS5L25_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80L30CY STMICROELECTRONICS-STPS80L30CY Datasheet
24Kb / 3P
LOW DROP POWER SCHOTTKY RECTIFIER
Aug-1999
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com