Electronic Components Datasheet Search
  English  ▼

X  

STPS20H100C Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS20H100C
Description  100 V power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20H100C Datasheet(HTML) 2 Page - STMicroelectronics

  STPS20H100C_11 Datasheet HTML 1Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 2Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 3Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 4Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 5Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 6Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 7Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 8Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
STPS20H100C
2/11
Doc ID 5386 Rev 7
1
Characteristics
When the diodes 1 and 2 are used simultaneously:
ΔTj(diode 1) = P(diode1) x R
th(j-c)(Per diode) + P(diode 2) x Rth(c)
Table 2.
Absolute ratings (limiting values, per diode)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(RMS) Forward rms current
30
A
IF(AV)
Average forward
current
δ = 0.5
TO-220AB
D2PAK / I2PAK
Tc = 160 °C Per diode
10
A
TO-220FPAB
Tc = 145 °C Per device
20
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
250
A
IRRM
Repetitive peak reverse current
tp = 2 µs square F= 1 kHz
1
A
IRSM
Non repetitive peak reverse current
tp = 100 µs square
3
A
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25 °C
10800
W
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature (1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
175
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-220AB / D2PAK / I 2PAK
Per diode
1.6
°C/W
TO-220FPAB
Per diode
4
TO-220AB / D2PAK / I2PAK
Total
0.9
°C/W
TO-220FPAB
Total
3.2
Rth(c)
TO-220AB / D2PAK / I2PAK
Coupling
0.15
°C/W
TO-220FPAB
Coupling
2.5
dPtot
dTj
<
1
Rth(j-a)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com