Electronic Components Datasheet Search
  English  ▼

X  

AM29F040B-09 Datasheet(PDF) 8 Page - SPANSION

Part # AM29F040B-09
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29F040B-09 Datasheet(HTML) 8 Page - SPANSION

Back Button AM29F040B-09 Datasheet HTML 4Page - SPANSION AM29F040B-09 Datasheet HTML 5Page - SPANSION AM29F040B-09 Datasheet HTML 6Page - SPANSION AM29F040B-09 Datasheet HTML 7Page - SPANSION AM29F040B-09 Datasheet HTML 8Page - SPANSION AM29F040B-09 Datasheet HTML 9Page - SPANSION AM29F040B-09 Datasheet HTML 10Page - SPANSION AM29F040B-09 Datasheet HTML 11Page - SPANSION AM29F040B-09 Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
6
Am29F040B
21445E8 November 11, 2009
D A TA
SH EE T
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combi-
nation) is formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to
confirm availability of specific valid combinations and to check on newly released combinations.
Am29F040B
-55
E
F
TEMPERATURE RANGE
I
=
Industrial (-40
° C to +85° C)
E
=
Extended (–55
° C to +125° C)
F
=
Industrial (-40
° C to +85° C) for Pb-free Package
K
=
Extended (-55
° C to +125° C) for Pb-free Package
PACKAGE TYPE
J
=
32-Pin Rectangular Plastic Leaded Chip Carrier (PL 032)
E
=
32-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 032)
SPEED OPTION
See Product Selector Guide and Valid Combinations
DEVICE NUMBER/DESCRIPTION
Am29F040B
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Sector Erase Flash Memory
5.0 V Read, Program, and Erase
Valid Combinations
VCC Voltage
AM29F040B-55
JI, JE, JF, JK
EI, EE, EF, EK
5.0 V
± 5%
AM29F040B-70
5.0 V
± 10%
AM29F040B-90
JI, JE,JF, JK
EI, EE, EF, EK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com