Electronic Components Datasheet Search
  English  ▼

X  

RF3932SB Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3932SB
Description  60W GaN WIDEBAND POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3932SB Datasheet(HTML) 2 Page - RF Micro Devices

  RF3932SB Datasheet HTML 1Page - RF Micro Devices RF3932SB Datasheet HTML 2Page - RF Micro Devices RF3932SB Datasheet HTML 3Page - RF Micro Devices RF3932SB Datasheet HTML 4Page - RF Micro Devices RF3932SB Datasheet HTML 5Page - RF Micro Devices RF3932SB Datasheet HTML 6Page - RF Micro Devices RF3932SB Datasheet HTML 7Page - RF Micro Devices RF3932SB Datasheet HTML 8Page - RF Micro Devices RF3932SB Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2 of 14
RF3932
DS120406
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Drain Voltage (VD)150
V
Gate Voltage (VG)
-8 to +2
V
Gate Current (IG)39
mA
Operational Voltage
65
V
Ruggedness (VSWR)
10:1
Storage Temperature Range
-55 to +125
°C
Operating Temperature Range (TC)-40 to +85
°C
Operating Junction Temperature (TJ)200
°C
Human Body Model
Class 1A
MTTF (TJ < 200°C, 95% Confidence Limits)*
3 x 106
Hours
Thermal Resistances, RTH (junction to case)
measured at TC = 85°C, DC bias only
2.6
°C/W
*MTTF - median time to failure for wear-out failure mode (30% IDSS
degradation) which is determined by the technology process reliability. Refer
to product qualification report for FIT (random) failure rate.
Operation of this device beyond any one of these limits may cause
permanent damage. For reliable continuous operation, the device voltage and
current must not exceed the maximum operating values specified in the table
below.
Bias Conditions should also satisfy the following expression:
PDISS < (TJ - TC) / RTH J-C and TC = TCASE
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Recommended Operating
Conditions
Drain Voltage (VDSQ)28
48
V
Gate Voltage (VGSQ)
-4.5-3.7-2.5
V
Drain Bias Current
220
mA
Frequency of Operation
DC
3500
MHz
Capacitance
CRSS
5pF
VG = -8V, VD = OV
CISS
23
pF
VG = -8V, VD = OV
COSS
16.5
pF
VG = -8V, VD = OV
DC Functional Test
IG (off) - Gate Leakage
2mA
VG = -8V, VD = OV
ID (off) - Drain Leakage
2.5
mA
VG = -8V, VD = 48V
VGS (th) - Threshold Voltage
-4.2
V
VD = 48V, ID = 10mA
VDS(on) - Drain Voltage at high current
0.25
V
VG = OV, ID = 1.5A
RF Functional Test
[1], [2]
VGSQ
-3.4
V
VD = 48V, ID = 220mA
Gain
11
13
dB
CW, POUT = 47.8dBm, f = 2140MHz
Drain Efficiency
55
60
%
CW, POUT = 47.8dBm, f = 2140MHz
Input Return Loss
-12
dB
CW, POUT = 47.8dBm, f = 2140MHz
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com