Electronic Components Datasheet Search
  English  ▼

X  

RF3933S2 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF3933S2
Description  90W GaN WIDE-BAND POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3933S2 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF3933S2 Datasheet HTML 6Page - RF Micro Devices RF3933S2 Datasheet HTML 7Page - RF Micro Devices RF3933S2 Datasheet HTML 8Page - RF Micro Devices RF3933S2 Datasheet HTML 9Page - RF Micro Devices RF3933S2 Datasheet HTML 10Page - RF Micro Devices RF3933S2 Datasheet HTML 11Page - RF Micro Devices RF3933S2 Datasheet HTML 12Page - RF Micro Devices RF3933S2 Datasheet HTML 13Page - RF Micro Devices RF3933S2 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12 of 14
RF3933
DS120306
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
900MHz Evaluation Board Schematic
900MHz Evaluation Board Bill of Materials
Component
Value
Manufacturer
Part Number
C1, C2, C10, C11
68pF
ATC
ATC800A680JT
C3, C14
0.1
F
Murata
GRM32NR72A104KA01L
C4, C13
4.7
F
Murata
GRM55ER72A475KA01L
C6
6.8pF
ATC
ATC800A6R8JT
C7
18pF
ATC
ATC800A180JT
C8
12pF
ATC
ATC800A120JT
C9
4.7pF
ATC
ATC800A4R7BT
C12
330
F
Panasonic
EEU-FC2A331
C5
100
F
Panasonic
ECE-V1HA101UP
R1
10
Panasonic
ERJ-8GEYJ100V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com