Electronic Components Datasheet Search
  English  ▼

X  

RF3933SB Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF3933SB
Description  90W GaN WIDE-BAND POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3933SB Datasheet(HTML) 4 Page - RF Micro Devices

  RF3933SB Datasheet HTML 1Page - RF Micro Devices RF3933SB Datasheet HTML 2Page - RF Micro Devices RF3933SB Datasheet HTML 3Page - RF Micro Devices RF3933SB Datasheet HTML 4Page - RF Micro Devices RF3933SB Datasheet HTML 5Page - RF Micro Devices RF3933SB Datasheet HTML 6Page - RF Micro Devices RF3933SB Datasheet HTML 7Page - RF Micro Devices RF3933SB Datasheet HTML 8Page - RF Micro Devices RF3933SB Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4 of 14
RF3933
DS120306
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance in Standard 2.14GHz Tuned Test Fixture
(CW, T = 25°C, unless otherwise noted)
-16
-15
-14
-13
-12
-11
-10
-9
-8
-7
-6
5
6
7
8
9
10
11
12
13
14
15
2110
2120
2130
2140
2150
2160
2170
2180
Frequency (MHz)
Gain/IRL vs. Frequency, Pout = 49.5dBm
(CW, Vd = 48V, Idq = 300mA)
Gain
IRL
Fixed tuned test circuit
50
52
54
56
58
60
62
64
66
68
70
2100
2110
2120
2130
2140
2150
2160
2170
2180
Frequency (MHz)
Drain Efficiency vs. Frequency, Pout = 49.5dBm
(CW, Vd = 48V, Idq = 300mA)
Eff
Fixed tuned test circuit
10
11
12
13
14
15
16
17
18
30
32
34
36
38
40
42
44
46
48
50
Output Power (dBm)
Gain vs. Output Power (f = 2140MHz)
(Pulsed 10% duty cycle, 10uS, Vd = 48V, Idq = 300mA)
Gain -40C
Gain 25C
Gain 85C
5
10
15
20
25
30
35
40
45
50
55
60
65
30
32
34
36
38
40
42
44
46
48
50
Output Power (dBm)
Efficiency vs. Output Power (f = 2140MHz)
(Pulsed 10% duty cycle, 10uS, Vd = 48V, Idq = 300mA)
Eff -40C
Eff 25C
Eff 85C
-16
-14
-12
-10
-8
-6
30
32
34
36
38
40
42
44
46
48
50
Output Power (dBm)
Input Return Loss vs. Output Power (f = 2140MHz)
(Pulsed 10% duty cycle, 10uS, Vd = 48V, Idq = 300mA)
IRL -40C
IRL 25C
IRL 85C
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
6
7
8
9
10
11
12
13
14
15
16
2110
2120
2130
2140
2150
2160
2170
Frequency (MHz)
Small Signal Performance vs. Frequency, Pout = 30dBm
(Vd = 48V, Idq = 300mA)
Gain
IRL
Fixed tuned test circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com