Electronic Components Datasheet Search
  English  ▼

X  

STPS30M60S Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS30M60S
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30M60S Datasheet(HTML) 2 Page - STMicroelectronics

  STPS30M60S_11 Datasheet HTML 1Page - STMicroelectronics STPS30M60S_11 Datasheet HTML 2Page - STMicroelectronics STPS30M60S_11 Datasheet HTML 3Page - STMicroelectronics STPS30M60S_11 Datasheet HTML 4Page - STMicroelectronics STPS30M60S_11 Datasheet HTML 5Page - STMicroelectronics STPS30M60S_11 Datasheet HTML 6Page - STMicroelectronics STPS30M60S_11 Datasheet HTML 7Page - STMicroelectronics STPS30M60S_11 Datasheet HTML 8Page - STMicroelectronics STPS30M60S_11 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STPS30M60S
2/9
Doc ID 022049 Rev 1
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.395 x IF(AV) + 0.0047 x IF
2
(RMS)
Table 2.
Absolute ratings (limiting values with terminals 1 and 3 short circuited at
25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
60
V
IF(RMS) Forward rms current
90
A
IF(AV)
Average forward current,
δ = 0.5
Tc = 130 °C Per package
30
A
IFSM
Surge non repetitive forward current
tp = 10 ms sine-wave
600
A
PARM
(1)
1.
For temperature or pulse time duration deratings, please refer to Figure 4 and 5. More details regarding the
avalanche energy measurements and diode validation in the avalanche are provided in the application
notes AN1768 and AN2025.
Repetitive peak avalanche power
Tj = 25 °C, tp = 1 µs
34400
W
VARM
(2)
2.
See Figure 12
Maximum repetitive peak
avalanche voltage
tp < 1 µs, Tj < 150 °C, IAR < 129 A
80
V
VASM
(2)
Maximum single-pulse
peak avalanche voltage
tp < 1 µs, Tj < 150 °C, IAR < 129 A
80
V
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature(3)
3.
condition to avoid thermal runaway for a diode on its own heatsink
150
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
0.9
°C/W
Table 4.
Static electrical characteristics (terminals 1 and 3 short circuited)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms, δ < 2%
Reverse leakage
current
Tj = 25 °C
VR = VRM
-
35
165
µA
Tj = 125 °C
-
25
100
mA
VF
(2)
2.
Pulse test: tp = 380 µs, δ < 2%
Forward voltage drop
Tj = 25 °C
IF = 15 A
-
0.475
0.515
V
Tj = 125 °C
-
0.380
0.425
Tj = 25 °C
IF = 30 A
-
0.540
0.590
Tj = 125 °C
-
0.470
0.535
dPtot
dTj
<
1
Rth(j-a)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com