Electronic Components Datasheet Search
  English  ▼

X  

RFHA1025 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFHA1025
Description  280W GaN Wideband Pulsed Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1025 Datasheet(HTML) 1 Page - RF Micro Devices

  RFHA1025 Datasheet HTML 1Page - RF Micro Devices RFHA1025 Datasheet HTML 2Page - RF Micro Devices RFHA1025 Datasheet HTML 3Page - RF Micro Devices RFHA1025 Datasheet HTML 4Page - RF Micro Devices RFHA1025 Datasheet HTML 5Page - RF Micro Devices RFHA1025 Datasheet HTML 6Page - RF Micro Devices RFHA1025 Datasheet HTML 7Page - RF Micro Devices RFHA1025 Datasheet HTML 8Page - RF Micro Devices RFHA1025 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
SOI
RF IN
VG
Pin 1 (CUT )
G
B
GND
BASE
RF OUT
VD
Pin 2
T
RFHA1025
280W GaN Wideband Pulsed Power Amplifier
The RFHA1025 is a 50V 280W high power discrete amplifier designed for L-band
pulsed radar, air traffic control and surveillance and general purpose broadband
amplifier applications. Using an advanced high power density gallium nitride (GaN)
semiconductor process, these high performance amplifiers achieve high output
power, high efficiency and flat gain over a broad frequency range in a single pack-
age. The RFHA1025 is a matched power transistor packaged in a hermetic, flanged
ceramic package. The package provides excellent thermal stability through the use
of advanced heat sink and power dissipation technologies. Ease of integration is
accomplished through the incorporation of single, optimized matching networks
that provide wideband gain and power performance in a single amplifier.
Features
Wideband Operation: 0.96GHz to
1.215GHz
Advanced GaN HEMT Technology
Advanced Heat-Sink Technology
Supports Multiple Pulse
Conditions
10% to 20% Duty Cycle
100
s to 1ms Pulse Width
Integrated Matching
Components for High Terminal
Impedances
50V Operation Typical
Performance
Output Pulsed Power 280W
Pulse Width 100
S,
Duty Cycle 10%
Small Signal Gain 17dB
High Efficiency 55%
-40°C to 85°C Operating
Temperature
Applications
Radar
Air Traffic Control and
Surveillance
General Purpose Broadband
Amplifiers
DS120928
Package: Flanged Ceramic, 2-Pin
RFHA1025
280W GaN
Wideband
Pulsed Power
Amplifier
RFHA1025S2
2-Piece sample bag
RFHA1025SB
5-Piece bag
RFHA1025SQ
25-Piece bag
RFHA1025SR
50 Pieces on 7” short reel
RFHA1025TR13
250 Pieces on 13” reel
RFHA1025PCBA-410 Fully assembled evaluation board 0.96GHz to .215GHz;50V


Similar Part No. - RFHA1025

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1020 RFMD-RFHA1020 Datasheet
745Kb / 10P
280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1020PCBA-410 RFMD-RFHA1020PCBA-410 Datasheet
745Kb / 10P
280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1020S2 RFMD-RFHA1020S2 Datasheet
745Kb / 10P
280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1020SB RFMD-RFHA1020SB Datasheet
745Kb / 10P
280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1020SQ RFMD-RFHA1020SQ Datasheet
745Kb / 10P
280W GaN WIDE-BAND PULSED POWER AMPLIFIER
More results

Similar Description - RFHA1025

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3928 RFMD-RF3928 Datasheet
923Kb / 11P
280W GaN WIDEBAND PULSED POWER
RF3928B RFMD-RF3928B Datasheet
773Kb / 11P
380W GaN WIDEBAND PULSED
RF3931 RFMD-RF3931_12 Datasheet
1Mb / 14P
30W GaN WIDEBAND POWER AMPLIFIER
RF3932 RFMD-RF3932_12 Datasheet
1Mb / 14P
60W GaN WIDEBAND POWER AMPLIFIER
RF3934 RFMD-RF3934_12 Datasheet
1Mb / 14P
120W GaN WIDEBAND POWER AMPLIFIER
RFHA1020 RFMD-RFHA1020 Datasheet
745Kb / 10P
280W GaN WIDE-BAND PULSED POWER AMPLIFIER
logo
M/A-COM Technology Solu...
MAGX-011087-V1P MA-COM-MAGX-011087-V1P Datasheet
1Mb / 9P
GaN Wideband Power Amplifier
MAGX-011087 MA-COM-MAGX-011087_15 Datasheet
1Mb / 9P
GaN Wideband Power Amplifier
logo
RF Micro Devices
RFHA1021L RFMD-RFHA1021L Datasheet
910Kb / 12P
60W GaN Wide-Band Pulsed Power Amplifier
RFHA1023 RFMD-RFHA1023 Datasheet
1Mb / 10P
225W GaN Wideband Pulsed Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com