Electronic Components Datasheet Search
  English  ▼

X  

STPS40L15C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS40L15C
Description  Low drop OR-ing power Schottky diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40L15C Datasheet(HTML) 4 Page - STMicroelectronics

  STPS40L15C_11 Datasheet HTML 1Page - STMicroelectronics STPS40L15C_11 Datasheet HTML 2Page - STMicroelectronics STPS40L15C_11 Datasheet HTML 3Page - STMicroelectronics STPS40L15C_11 Datasheet HTML 4Page - STMicroelectronics STPS40L15C_11 Datasheet HTML 5Page - STMicroelectronics STPS40L15C_11 Datasheet HTML 6Page - STMicroelectronics STPS40L15C_11 Datasheet HTML 7Page - STMicroelectronics STPS40L15C_11 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
STPS40L15C
4/8
Doc ID 4926 Rev 6
Figure 7.
Reverse leakage current versus
reverse voltage applied (typical
values per diode)
Figure 8.
Junction capacitance versus
reverse voltage applied (typical
values per diode)
02468
10
12
14
16
1E-1
1E+0
1E+1
1E+2
5E+2
IR(mA)
Tj=100°C
Tj=25°C
VR(V)
12
5
10
20
0.1
1.0
5.0
VR(V)
C(nF)
F=1MHz
Tj=25°C
Figure 9.
Forward voltage drop versus
forward current (typical values per
diode)
Figure 10.
Forward voltage drop versus
forward current (typical maximum
per diode)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.1
1.0
10.0
100.0
200.0
VFM(V)
IFM(A)
Tj=150°C
Tj=25°C
Tj=125°C
Tj=75°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
1
10
100
200
IFM(A)
Tj=100°C
VFM(V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com