Electronic Components Datasheet Search
  English  ▼

X  

RF3934 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF3934
Description  120W GaN WIDEBAND POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3934 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF3934 Datasheet HTML 6Page - RF Micro Devices RF3934 Datasheet HTML 7Page - RF Micro Devices RF3934 Datasheet HTML 8Page - RF Micro Devices RF3934 Datasheet HTML 9Page - RF Micro Devices RF3934 Datasheet HTML 10Page - RF Micro Devices RF3934 Datasheet HTML 11Page - RF Micro Devices RF3934 Datasheet HTML 12Page - RF Micro Devices RF3934 Datasheet HTML 13Page - RF Micro Devices RF3934 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11 of 14
RF3934
DS120306
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
2.14GHz Evaluation Board Layout
Device Impedances
Note: Device impedances reported are the measured evaluation board impedances chosen for a trade off of efficiency, peak power, and linearity
performance across the entire frequency bandwidth.
Frequency
Z Source (
)
Z Load (

2110MHz
1.58 - j2.56
3.5 - j0.08
2140MHz
1.49 - j2.25
3.46 + j0.38
2170MHz
1.42 - j1.96
3.43 + j0.85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com