Electronic Components Datasheet Search
  English  ▼

X  

STPS140-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS140-Y
Description  Automotive power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS140-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STPS140-Y Datasheet HTML 1Page - STMicroelectronics STPS140-Y Datasheet HTML 2Page - STMicroelectronics STPS140-Y Datasheet HTML 3Page - STMicroelectronics STPS140-Y Datasheet HTML 4Page - STMicroelectronics STPS140-Y Datasheet HTML 5Page - STMicroelectronics STPS140-Y Datasheet HTML 6Page - STMicroelectronics STPS140-Y Datasheet HTML 7Page - STMicroelectronics STPS140-Y Datasheet HTML 8Page - STMicroelectronics STPS140-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
December 2010
Doc ID 17973 Rev 1
1/9
9
STPS140-Y
Automotive power Schottky rectifier
Features
■ Very small conduction losses
■ Negligible switching losses
■ Low forward voltage drop
■ Surface mount miniature packages
■ Avalanche capability specified
■ AEC-Q101 qualified
■ ECOPACK®2 compliant component
Description
Single chip Schottky rectifiers suited to Switched
Mode Power Supplies and high frequency DC to
DC converters.
Packaged in SMA and SMB, this device is
especially intended for surface mounting and
used in low voltage, high frequency inverters, free
wheeling and polarity protection for automotive
applications.
Table 1.
Device summary
Symbol
Value
IF(AV)
1 A
VRRM
40 V
Tj (max)
150 °C
VF (max)
0.5 V
SMA
(JEDEC DO-214AC)
STPS140AY
SMB
(JEDEC DO-214AA)
STPS140UY
www.st.com


Similar Part No. - STPS140-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS140 STMICROELECTRONICS-STPS140 Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140 STMICROELECTRONICS-STPS140 Datasheet
70Kb / 7P
POWER SCHOTTKY RECTIFIER
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140A STMICROELECTRONICS-STPS140A Datasheet
70Kb / 7P
POWER SCHOTTKY RECTIFIER
STPS140U STMICROELECTRONICS-STPS140U Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
More results

Similar Description - STPS140-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2H100-Y STMICROELECTRONICS-STPS2H100-Y Datasheet
112Kb / 9P
Automotive power Schottky rectifier
03-Dec-2010
STPS3L40-Y STMICROELECTRONICS-STPS3L40-Y Datasheet
81Kb / 7P
Automotive power Schottky rectifier
10-Mar-2011
STPS3L60-Y STMICROELECTRONICS-STPS3L60-Y Datasheet
87Kb / 7P
Automotive power Schottky rectifier
15-Sep-2011
STPS5L60-Y STMICROELECTRONICS-STPS5L60-Y Datasheet
187Kb / 7P
Automotive power Schottky rectifier
29-Mar-2012
STPS340-Y STMICROELECTRONICS-STPS340-Y Datasheet
99Kb / 8P
Automotive power Schottky rectifier
24-Oct-2012
STPS5L60SY STMICROELECTRONICS-STPS5L60SY Datasheet
187Kb / 7P
Automotive power Schottky rectifier
29-Mar-2012
STPS3150UY STMICROELECTRONICS-STPS3150UY Datasheet
95Kb / 7P
Automotive power Schottky rectifier
03-Nov-2011
STPS3L40SY STMICROELECTRONICS-STPS3L40SY Datasheet
91Kb / 7P
Automotive power Schottky rectifier
10-Mar-2011
STPS1545-Y STMICROELECTRONICS-STPS1545-Y Datasheet
85Kb / 7P
Automotive power Schottky rectifier
29-Oct-2012
STPS640C-Y STMICROELECTRONICS-STPS640C-Y Datasheet
198Kb / 8P
Automotive power Schottky rectifier
04-Dec-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com