Electronic Components Datasheet Search
  English  ▼

X  

STPS340-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS340-Y
Description  Automotive power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS340-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STPS340-Y Datasheet HTML 1Page - STMicroelectronics STPS340-Y Datasheet HTML 2Page - STMicroelectronics STPS340-Y Datasheet HTML 3Page - STMicroelectronics STPS340-Y Datasheet HTML 4Page - STMicroelectronics STPS340-Y Datasheet HTML 5Page - STMicroelectronics STPS340-Y Datasheet HTML 6Page - STMicroelectronics STPS340-Y Datasheet HTML 7Page - STMicroelectronics STPS340-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
STPS340-Y
4/8
Doc ID 17390 Rev 1
Figure 7.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (SMB)
Figure 8.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (SMC)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z/R
th(j-a)
th(j-a)
T
δ=tp/T
tp
t (s)
p
Single pulse
SMB
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z/R
th(j-a)
th(j-a)
T
δ=tp/T
tp
t (s)
p
Single pulse
SMC
Figure 9.
Reverse leakage current versus
reverse voltage applied
(typical values)
Figure 10.
Junction capacitance versus
reverse voltage applied
(typical values)
I (mA)
R
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
0
5
10
15
20
25
30
35
40
T
j=150°C
T
j=125°C
T
j=100°C
T
j=75°C
T
j=25°C
V (V)
R
10
100
1000
1
10
100
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
Figure 11.
Forward voltage drop versus
forward current
Figure 12.
Thermal resistance junction to
ambient versus copper surface
under each lead
I
(A)
FM
0.01
0.10
1.00
10.00
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
T
j=25°C
(Maximum values)
T
j=125°C
(Typical values)
T
j=125°C
(Typical values)
T
j=125°C
(Maximum values)
V
(V)
FM
0
10
20
30
40
50
60
70
80
90
100
110
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SMB / SMC
S
(cm²)
CU
R
(°C/W)
th(j-a)
Printed circuit board FR4
copper thickness = 35 µm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com