Electronic Components Datasheet Search
  English  ▼

X  

STPS1045DEE Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS1045DEE
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1045DEE Datasheet(HTML) 5 Page - STMicroelectronics

  STPS1045DEE Datasheet HTML 1Page - STMicroelectronics STPS1045DEE Datasheet HTML 2Page - STMicroelectronics STPS1045DEE Datasheet HTML 3Page - STMicroelectronics STPS1045DEE Datasheet HTML 4Page - STMicroelectronics STPS1045DEE Datasheet HTML 5Page - STMicroelectronics STPS1045DEE Datasheet HTML 6Page - STMicroelectronics STPS1045DEE Datasheet HTML 7Page - STMicroelectronics STPS1045DEE Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STPS1045DEE
Package information
Doc ID 023252 Rev 1
5/8
2
Package information
●
Epoxy meets UL94,V0
●
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 9.
PowerFLAT-3.3x3.3-8L dimensions (definitions)
Table 5.
PowerFLAT-8L dimensions (values)
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.95
1.00
1.05
0.037
0.039
0.041
A3
0.20
0.0079
A4
0.20
0.0079
b
0.30
0.37
0.44
0.012
0.015
0.017
D
3.20
3.30
3.40
0.126
0.130
0.134
D2
2.24
2.31
2.38
0.088
0.091
0.094
D3
1.60
1.67
1.74
0.063
0.066
0.069
e
0.65
0.026
E
3.20
3.30
3.40
0.126
0.130
0.134
E2
1.68
1.75
1.82
0.066
0.069
0.072
L
0.31
0.38
0.45
0.012
0.015
0.018
L1
0.55
0.62
0.69
0.22
0.024
0.027
L2
0.86
0.93
1.00
0.034
0.037
0.039
D2
L
E2
L1
b
e
e/2
D3
L2
A
A3
E
E/2
D
D/2
a
nc
k
k
a
nc
Projection
Exposed pad
Index area
(D/2 x E/2)



Html Pages

1 2 3 4 5 6 7 8