Electronic Components Datasheet Search
  English  ▼

X  

STTH602C-Y Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH602C-Y
Description  Automotive ultrafast recovery diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH602C-Y Datasheet(HTML) 2 Page - STMicroelectronics

  STTH602C-Y Datasheet HTML 1Page - STMicroelectronics STTH602C-Y Datasheet HTML 2Page - STMicroelectronics STTH602C-Y Datasheet HTML 3Page - STMicroelectronics STTH602C-Y Datasheet HTML 4Page - STMicroelectronics STTH602C-Y Datasheet HTML 5Page - STMicroelectronics STTH602C-Y Datasheet HTML 6Page - STMicroelectronics STTH602C-Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
STTH602C-Y
2/7
Doc ID 023250 Rev 1
1
Characteristics
When the two diodes 1 and 2 are used simultaneously:
Tj(diode 1) = P (diode 1) X R
th(j-c) (Per diode) + P (diode 2) x Rth(c)
To evaluate the conduction losses use the following equation:
P = 0.85 x IF(AV) + 0.033 IF
2
(RMS)
Table 2.
Absolute ratings (limiting values at Tj = 25° C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF(RMS)
RMS forward current
11
A
IF(AV)
Average forward current,
 = 0.5
Per diode Tc = 160° C
3
A
Per device Tc = 155° C
6
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
60
A
Tstg
Storage temperature range
-65 to + 175
° C
Tj
Operating junction temperature
-40 to + 175
° C
Table 3.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Per diode
5
° C/W
Per device
3.0
Rth(c)
Coupling
Per diode
1
Per diode
3
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25° C
VR = VRRM
3
µA
Tj = 125° C
3
30
VF
(2)
Forward voltage drop
Tj = 25° C
IF = 3 A
0.98
1.1
V
Tj = 150° C
0.8
0.95
Tj = 25° C
IF = 6 A
1.1
1.25
Tj = 150° C
0.9
1.05
1.
Pulse test: tp = 5 ms,  < 2%
2.
Pulse test: tp = 380 µs,  < 2%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com