Electronic Components Datasheet Search
  English  ▼

X  

SRL05A Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # SRL05A
Description  Miniature Surface Mount 5A Output, Switching POL Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

SRL05A Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  SRL05A Datasheet HTML 1Page - MicroPower Direct, LLC SRL05A Datasheet HTML 2Page - MicroPower Direct, LLC SRL05A Datasheet HTML 3Page - MicroPower Direct, LLC SRL05A Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model Selection Guide
Remote On/Off
Notes:
1. Measured over a bandwidth of 5 Hz to 20 MHz using a 1 µH inductor.
2. Line regulation is measured for a VIN change from low line to high line, with
VOUT set to 1.8 VDC.
3. Output ripple is measured at 20 MHz bandwidth using a 1.0 µF ceramic
capacitor and a 10 µF tantalum capacitor connected in parallel as close
to the output terminals as possible. For the SRL05A-12-5.0, when set for
a 5 VDC output, the output ripple and noise is:
Peak to Peak
75 mV P - P
RMS
45 mV RMS
4. Transient recovery is measured to within a 1% error band for a 50% load change.
5. These units include a non-latching over temperature protection circuit. If
the temperature exceeds approximately 120°C at the monitored “hot spot”,
the unit will be shut down. When the temperature decreases, the unit will
automatically restart.
6. These units will provide up to 150% of rated current. In the event of an over
current fault, the unit will go into hiccup mode until the fault is removed.
7. Standard units feature an active high remote control input. See the note
and diagram at right.
8. These units do not include an internal fuse. It is recommended that an
external slow-blow fuse be used with a rating as shown in the table above.
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
SRL05A-05-3.3
VOUT (VDC)
RTRIM (k )
0.75
Open
1.20
41.71
1.50
22.98
1.80
14.96
2.00
11.75
2.50
6.93
3.30
3.15
3.63
2.20
Model
Number
Input
Output
Efficiency
(%, Typ)
Capacitive
Load
(µF Max)
Fuse Rating
Slow-Blow
(A)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(A, Max)
Current
(A, Min)
Range
Full-Load No-Load
SRL05A-05-3.3
3.0 - 5.5
949
25
0.75
5.0
0.0
79
3,000
10
1,412
30
1.20
85
1,724
30
1.50
87
2,022
35
1.80
89
2,222
35
2.00
90
2,217
35
2.50
92
4.5 - 5.5
3,511
35
3.30
94
SRL05A-12-5.0
8.3 - 14.0
428
20
0.75
5.0
0.0
73
3,000
7
625
25
1.20
80
762
25
1.50
82
893
30
1.80
84
980
30
2.00
85
1,197
35
2.50
87
1,545
45
3.30
89
2,264
50
5.00
92
These units include an active high
On/OFF control input. The unit is
“ON” if the input to the control pin
(pin 2) is high; or if the pin is left
open (or floating). The signal level
of the control input is referenced
to ground. A recommended drive
circuit for the control pin is shown
at left. The resistors R1 & R2 have
been added to help reduce pos-
sible false triggering of the control
input due to leakage currents.
Units are available with an active
low control input. With this input,
the unit will remain off if the con-
trol input remains above 2.8 VDC.
For more information on the active
low option, contact the factory.
Output Voltage Trim
The output voltage of the SRL05A-05-3.3
models is adjustable over the range of 0.75
VDC to 3.63 VDC. The required resistor value
for various output levels is given in the table
above. To calculate the correct value for a
different output level, the formula is:
(
.
,
5, 110)
R
V0 75
21 070
TRIM
OUT
=
-
-
Where: RTRIM = The external trim resistor
VOUT = The desired output voltage
If a trim resistor is not connected, the output
goes to 0.75 VDC.
The output voltage level of the SRL05A
series is adjustable over a wide range by
the simple addition of an external resistor.
This trim resistor is connected between the
circuit common and the trim input (pin 5),
as shown in the diagram above.
SRL05A-12-5.0
VOUT (VDC)
RTRIM (k )
0.75
Open
1.20
22.33
1.50
13.00
1.80
9.00
2.00
7.40
2.50
5.00
3.30
3.12
5.00
1.47
The output voltage of the SRL05A-12-5.0
models is adjustable over the range of 0.75
VDC to 5.00 VDC. The required resistor value
for various output levels is given in the table
above. To calculate the correct value for a
different output level, the formula is:
(
.
,
,)
R
V0 75
10 500
1000
TRIM
OUT
=
-
-
Where: RTRIM = The external trim resistor
VOUT = The desired output voltage
If a trim resistor is not connected, the output
goes to 0.75 VDC.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com