Electronic Components Datasheet Search
  English  ▼

X  

STTH3010-Y Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH3010-Y
Description  Automotive ultrafast recovery - high voltage diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3010-Y Datasheet(HTML) 5 Page - STMicroelectronics

  STTH3010-Y Datasheet HTML 1Page - STMicroelectronics STTH3010-Y Datasheet HTML 2Page - STMicroelectronics STTH3010-Y Datasheet HTML 3Page - STMicroelectronics STTH3010-Y Datasheet HTML 4Page - STMicroelectronics STTH3010-Y Datasheet HTML 5Page - STMicroelectronics STTH3010-Y Datasheet HTML 6Page - STMicroelectronics STTH3010-Y Datasheet HTML 7Page - STMicroelectronics STTH3010-Y Datasheet HTML 8Page - STMicroelectronics STTH3010-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STTH3010-Y
Characteristics
Doc ID 018923 Rev 1
5/9
Figure 11.
Junction capacitance versus reverse voltage applied (typical values)
Figure 9.
Transient peak forward voltage
versus dIF/dt (typical values)
Figure 10.
Forward recovery time versus dIF/dt
(typical values)
V
(V)
FP
0
5
10
15
20
25
0
100
200
300
400
500
I
F = IF(AV)
T
j=125°C
dI /dt(A/µs)
F
t (ns)
fr
200
300
400
500
600
700
800
0
100
200
300
400
500
I
F = IF(AV)
V
FR = 1.5 x VF max.
T
j=125°C
dI /dt(A/µs)
F
C(pF)
10
100
1000
1
10
100
1000
F=1MHz
V
osc=30mVRMS
T
j=25°C
V (V)
R



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com