Electronic Components Datasheet Search
  English  ▼

X  

S29GL01GP Datasheet(PDF) 27 Page - SPANSION

Part # S29GL01GP
Description  1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP Datasheet(HTML) 27 Page - SPANSION

Back Button S29GL01GP Datasheet HTML 23Page - SPANSION S29GL01GP Datasheet HTML 24Page - SPANSION S29GL01GP Datasheet HTML 25Page - SPANSION S29GL01GP Datasheet HTML 26Page - SPANSION S29GL01GP Datasheet HTML 27Page - SPANSION S29GL01GP Datasheet HTML 28Page - SPANSION S29GL01GP Datasheet HTML 29Page - SPANSION S29GL01GP Datasheet HTML 30Page - SPANSION S29GL01GP Datasheet HTML 31Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 81 page
background image
October 22, 2012 S29GL-P_00_A14
S29GL-P MirrorBit® Flash Family
27
Data
She e t
The write-buffer “embedded” programming operation can be suspended using the standard suspend/resume
commands. Upon successful completion of the Write Buffer Programming operation, the device returns to
READ mode.
The Write Buffer Programming Sequence is ABORTED under any of the following conditions:
 Load a value that is greater than the page buffer size during the “Number of Locations to Program” step.
 Write to an address in a sector different than the one specified during the Write-Buffer-Load command.
 Write an Address/Data pair to a different write-buffer-page than the one selected by the “Starting Address”
during the “write buffer data loading” stage of the operation.
 Writing anything other than the Program to Buffer Flash Command after the specified number of “data
load” cycles.
The ABORT condition is indicated by DQ1 = 1, DQ7 = DATA# (for the “last address location loaded”), DQ6 =
TOGGLE, DQ5 = 0. This indicates that the Write Buffer Programming Operation was ABORTED. A “Write-to-
Buffer-Abort reset” command sequence is required when using the write buffer Programming features in
Unlock Bypass mode. Note that the Secured Silicon sector, autoselect, and CFI functions are unavailable
when a program operation is in progress.
Write buffer programming is allowed in any sequence of memory (or address) locations. These flash devices
are capable of handling multiple write buffer programming operations on the same write buffer address range
without intervening erases.
Use of the write buffer is strongly recommended for programming when multiple words are to be
programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com