Electronic Components Datasheet Search
  English  ▼

X  

CXL1503M Datasheet(PDF) 5 Page - Sony Corporation

Part # CXL1503M
Description  CMOS-CCD Signal Processor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL1503M Datasheet(HTML) 5 Page - Sony Corporation

  CXL1503M Datasheet HTML 1Page - Sony Corporation CXL1503M Datasheet HTML 2Page - Sony Corporation CXL1503M Datasheet HTML 3Page - Sony Corporation CXL1503M Datasheet HTML 4Page - Sony Corporation CXL1503M Datasheet HTML 5Page - Sony Corporation CXL1503M Datasheet HTML 6Page - Sony Corporation CXL1503M Datasheet HTML 7Page - Sony Corporation CXL1503M Datasheet HTML 8Page - Sony Corporation CXL1503M Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
– 5 –
CXL1503M/1505M
Clock Waveform Timing
10ns
10ns
10%
50%
90%
XDL1
∗
(52.5)
87.5ns
∗
(140)
210ns
10%
50%
90%
10ns
10%
50%
90%
∗
(52.5)
87.5ns
10%
50%
90%
10ns
17.5ns
XDL2
∗
( ) is for CXL1505M.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com