Electronic Components Datasheet Search
  English  ▼

X  

XTL1021 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # XTL1021
Description  High Performance Crystal for Wireless Communications Devices
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

XTL1021 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  XTL1021 Datasheet HTML 1Page - RF Monolithics, Inc XTL1021 Datasheet HTML 2Page - RF Monolithics, Inc XTL1021 Datasheet HTML 3Page - RF Monolithics, Inc XTL1021 Datasheet HTML 4Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 4
©2009-2010 by RF Monolithics, Inc.
XTL1021 - 2/3/10
1
3
C r y s t a l E q u i v a l e n t C i r c u i t
E S R
C O
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Nominal Frequency
FO
16.00000
MHz
Mode of Oscillation
Fundamental
Storage Temperature Range
-50
+85
°C
Operating Temperature Range
-40
+85
°C
Frequency Stability over Operating Temperature Range
±20 ppm (referred to the value at 25°C)
Frequency Make Tolerance
FL
±10 ppm @ 25°C ±3°C
Equivalent Series Resistance
ESR
35
Ω
Shunt Capacitance
CO
3pF
Nominal Drive Level
100
µW
Load Capacitance
CL
12
pF
Aging
±2.0 ppm/year @ 25°C
Standard Shipping Quantity on 330 mm (13”) Reel
3000
units
Lid Symbolization (in addition to Lot and/or Date Codes)
1021 YWWS
SM5032-4 Case
• High Performance Crystal for Wireless Communications Devices
• Excellent Frequency Stability and Reliability
• Ultra Miniature Surface Mount Seam Weld Package
• Complies with Directive 2002/95/EC (RoHS)
The XTL1021 is a very high stability 16.0 MHz crystal suitable for a wide range of communications
applications. The XTL1021’s excellent frequency stability supports operation from -40 to +85 °C.
The XTL1021 is specifically recommended for use with RFM’s TRC104 transceiver IC.
16.00000 MHz
Crystal Unit
XTL1021
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
US and international patents may apply.
2.
The design, manufacturing process, and specifications of this device are subject to change without notice.
3.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered trademarks of RF Monolithics, Inc.
P b


Similar Part No. - XTL1021

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
XTL1021-1 RFM-XTL1021-1 Datasheet
472Kb / 3P
High Performance Crystal for Wireless Communications Devices
XTL1021G RFM-XTL1021G Datasheet
517Kb / 3P
Ulta-miniature Surface Mount Seam-weld Package
XTL1021P RFM-XTL1021P Datasheet
562Kb / 4P
High Performance Crystal for Wireless Communications Devices
More results

Similar Description - XTL1021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
HPC36400E NSC-HPC36400E Datasheet
362Kb / 30P
High-Performance Communications MicroController
logo
NIHON DEMPA KOGYO
NX5032SA NDK-NX5032SA Datasheet
81Kb / 1P
Crystal Units For Mobile Communications
NX6035SA NDK-NX6035SA Datasheet
82Kb / 1P
Crystal Units For Mobile Communications
logo
RF Monolithics, Inc
XTL1020 RFM-XTL1020 Datasheet
465Kb / 4P
High Performance Crystal for Wireless Communications Devices
XTL1020P RFM-XTL1020P Datasheet
562Kb / 4P
High Performance Crystal for Wireless Communications Devices
XTL1021-1 RFM-XTL1021-1 Datasheet
472Kb / 3P
High Performance Crystal for Wireless Communications Devices
XTL1021P RFM-XTL1021P Datasheet
562Kb / 4P
High Performance Crystal for Wireless Communications Devices
XTL1029 RFM-XTL1029 Datasheet
582Kb / 5P
High Performance Crystal for Wireless Communications Devices
logo
NIHON DEMPA KOGYO
NX2520SG NDK-NX2520SG Datasheet
253Kb / 1P
Crystal Units, For Mobile Communications
logo
Golledge Electronics Lt...
GSX-223 GOLLEDGE-GSX-223 Datasheet
166Kb / 2P
SM Crystal for Wireless
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com