Electronic Components Datasheet Search
  English  ▼

X  

NE556 Datasheet(PDF) 10 Page - STMicroelectronics

Part # NE556
Description  General-purpose dual bipolar timers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NE556 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button NE556_09 Datasheet HTML 6Page - STMicroelectronics NE556_09 Datasheet HTML 7Page - STMicroelectronics NE556_09 Datasheet HTML 8Page - STMicroelectronics NE556_09 Datasheet HTML 9Page - STMicroelectronics NE556_09 Datasheet HTML 10Page - STMicroelectronics NE556_09 Datasheet HTML 11Page - STMicroelectronics NE556_09 Datasheet HTML 12Page - STMicroelectronics NE556_09 Datasheet HTML 13Page - STMicroelectronics NE556_09 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Application information
NE556 - SA556 - SE556
10/16
Figure 16.
Astable operation
t1 = 0.693 (RA + RB) C output high
t2 = 0.693 RBC output low
Output
R
1/2
NE556
SE556
A
(10)
(9)
(11)
(12)
VCC
(13)
RL
RL
7
5
2
1
4
14
3
6
(8)
RB
C
Operating frequency
0.01nF
f =
1.44
R + 2R ) C
B
A
t2
t1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com