Electronic Components Datasheet Search
  English  ▼

X  

M48T35Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48T35Y
Description  5 V, 256 Kbit (32 Kb x 8) TIMEKEEPER® SRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35Y Datasheet(HTML) 1 Page - STMicroelectronics

  M48T35Y Datasheet HTML 1Page - STMicroelectronics M48T35Y Datasheet HTML 2Page - STMicroelectronics M48T35Y Datasheet HTML 3Page - STMicroelectronics M48T35Y Datasheet HTML 4Page - STMicroelectronics M48T35Y Datasheet HTML 5Page - STMicroelectronics M48T35Y Datasheet HTML 6Page - STMicroelectronics M48T35Y Datasheet HTML 7Page - STMicroelectronics M48T35Y Datasheet HTML 8Page - STMicroelectronics M48T35Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
June 2011
Doc ID 2611 Rev 10
1/28
1
M48T35
M48T35Y
5 V, 256 Kbit (32 Kb x 8) TIMEKEEPER® SRAM
Features
■ Integrated, ultra low power SRAM, real-time
clock, power-fail control circuit and battery
■ BYTEWIDE™ RAM-like clock access
■ BCD coded year, month, day, date, hours,
minutes, and seconds
■ Frequency test output for real-time clock
■ Automatic power-fail chip deselect and WRITE
protection
■ WRITE protect voltages
VPFD = power-fail deselect voltage):
–M48T35: VCC = 4.75 to 5.5 V;
4.5 V
≤ VPFD ≤ 4.75 V
–M48T35Y: VCC = 4.5 to 5.5 V;
4.2 V
≤ VPFD ≤ 4.5 V
■ Self-contained battery and crystal in the
CAPHAT™ DIP package
■ SOIC package provides direct connection for a
SNAPHAT® housing containing the battery and
crystal
■ SNAPHAT® housing (battery and crystal) is
replaceable
■ Pin and function compatible with JEDEC
standard 32 Kb x 8 SRAMs
■ RoHS compliant
– Lead-free second level interconnect
28
1
28
1
PCDIP28
Battery/crystal
CAPHAT™
SNAPHAT®
Battery/crystal
SOH28
www.st.com


Similar Part No. - M48T35Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T35Y STMICROELECTRONICS-M48T35Y Datasheet
142Kb / 18P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
07-Feb-2000
M48T35Y STMICROELECTRONICS-M48T35Y Datasheet
478Kb / 28P
5 V, 256 Kbit (32 Kb x 8) TIMEKEEPER® SRAM
June 2011 Rev 10
M48T35Y-70MH1 STMICROELECTRONICS-M48T35Y-70MH1 Datasheet
142Kb / 18P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
07-Feb-2000
M48T35Y-70MH1 STMICROELECTRONICS-M48T35Y-70MH1 Datasheet
258Kb / 29P
5V, 256 Kbit (32 Kb x 8) TIMEKEEPER SRAM
01-Aug-2007
M48T35Y-70MH1E STMICROELECTRONICS-M48T35Y-70MH1E Datasheet
258Kb / 29P
5V, 256 Kbit (32 Kb x 8) TIMEKEEPER SRAM
01-Aug-2007
More results

Similar Description - M48T35Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
329Kb / 16P
3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
Mar-2004
M48Z35AV-10PC1 STMICROELECTRONICS-M48Z35AV-10PC1 Datasheet
146Kb / 20P
256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
29-May-2002
M48T58Y STMICROELECTRONICS-M48T58Y Datasheet
183Kb / 27P
5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
20-May-2002
M48T35_0708 STMICROELECTRONICS-M48T35_0708 Datasheet
258Kb / 29P
5V, 256 Kbit (32 Kb x 8) TIMEKEEPER SRAM
01-Aug-2007
M48T58 STMICROELECTRONICS-M48T58_07 Datasheet
259Kb / 31P
5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
30-Aug-2007
M48T35 STMICROELECTRONICS-M48T35_10 Datasheet
497Kb / 26P
5 V, 256 Kbit (32 Kb x 8) TIMEKEEPER® SRAM
08-Sep-2010
M48Z35 STMICROELECTRONICS-M48Z35_10 Datasheet
432Kb / 24P
256 Kbit (32 Kbit x 8) ZEROPOWER® SRAM
19-Aug-2010
M48T35 STMICROELECTRONICS-M48T35_11 Datasheet
478Kb / 28P
5 V, 256 Kbit (32 Kb x 8) TIMEKEEPER® SRAM
June 2011 Rev 10
M48T35AV STMICROELECTRONICS-M48T35AV_11 Datasheet
498Kb / 29P
3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER® SRAM
June 2011 Rev 9
M48Z35 STMICROELECTRONICS-M48Z35_11 Datasheet
414Kb / 24P
256 Kbit (32 Kbit x 8) ZEROPOWER® SRAM
07-Jun-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com